Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC712UB Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części DAC712UB
Szczegółowy opis  16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

DAC712UB Arkusz danych(HTML) 1 Page - Texas Instruments

  DAC712UB Datasheet HTML 1Page - Texas Instruments DAC712UB Datasheet HTML 2Page - Texas Instruments DAC712UB Datasheet HTML 3Page - Texas Instruments DAC712UB Datasheet HTML 4Page - Texas Instruments DAC712UB Datasheet HTML 5Page - Texas Instruments DAC712UB Datasheet HTML 6Page - Texas Instruments DAC712UB Datasheet HTML 7Page - Texas Instruments DAC712UB Datasheet HTML 8Page - Texas Instruments DAC712UB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
DAC712
DAC712
1
FEATURES
DESCRIPTION
V
OUT
V
+10V
REFOUT
Reference
Circuit
16-BitD/AConverter
D/ALatch
16
GainAdjust
InputLatch
16
A
1
A
0
WR
CLR
DB0
DB15
BipolarOffsetAdjust
DAC712
www.ti.com ................................................................................................................................................. SBAS023A – SEPTEMBER 2000 – REVISED JULY 2009
16-BIT DIGITAL-TO-ANALOG CONVERTER
with 16-Bit Bus Interface
2
• HIGH-SPEED, 16-BIT PARALLEL
The
DAC712
is
a
complete
16-bit
resolution
DOUBLE-BUFFERED INTERFACE
digital-to-analog (D/A) converter with 16 bits of
monotonicity over temperature.
• VOLTAGE OUTPUT: ±10V
• 13-, 14-, AND 15-BIT LINEARITY GRADES
The
DAC712
has
a
precision
+10V
temperature-compensated voltage reference, ±10V
• 16-BIT MONOTONIC OVER TEMPERATURE
output amplifier, and 16-bit port bus interface.
(L GRADE)
The digital interface is fast, 60ns minimum write pulse
• POWER DISSIPATION: 600mW max
width, double-buffered, and has a CLEAR function
• GAIN AND OFFSET ADJUST:
that resets the analog output to bipolar zero.
Convenient for Auto-Cal D/A Converters
GAIN and OFFSET adjustment inputs are arranged
• 28-LEAD DIP AND SOIC PACKAGES
so that they can be easily trimmed by external D/A
converters as well as by potentiometers.
The DAC712 is available in two linearity error
performance grades: ±4LSB and ±2LSB, and three
differential linearity grades: ±4LSB, ±2LSB, and
±1LSB. The DAC712 is specified at power-supply
voltages of ±12V and ±15V.
The DAC712 is packaged in a 28-pin, 0.3" wide
plastic DIP and in a 28-lead, wide-body plastic SOIC.
The DAC712P, U, PB, and UB are specified over the
–40°C
to
+85°C
temperature
range
and
the
DAC712PK, UK, PL, and UL are specified over the
0°C to +70°C range.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - DAC712UB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
DAC712UB BURR-BROWN-DAC712UB Datasheet
302Kb / 12P
   16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
More results

Podobny opis - DAC712UB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC715 TI1-DAC715 Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
logo
Burr-Brown (TI)
DAC715 BURR-BROWN-DAC715 Datasheet
288Kb / 11P
   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 BURR-BROWN-DAC712 Datasheet
302Kb / 12P
   16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
PCM2702 BURR-BROWN-PCM2702 Datasheet
117Kb / 11P
   16-Bit Stereo DIGITAL-TO-ANALOG CONVERTER with Interface
logo
Texas Instruments
DAC716 TI1-DAC716 Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Burr-Brown (TI)
DAC716 BURR-BROWN-DAC716 Datasheet
201Kb / 13P
   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Texas Instruments
DAC714 TI1-DAC714 Datasheet
779Kb / 22P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Burr-Brown (TI)
DAC714 BURR-BROWN-DAC714 Datasheet
127Kb / 14P
   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23