Zakładka z wyszukiwarką danych komponentów |
|
DAC716U Arkusz danych(PDF) 1 Page - Texas Instruments |
|
DAC716U Arkusz danych(HTML) 1 Page - Texas Instruments |
1 / 16 page DAC716 16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface DESCRIPTION The DAC716 is a complete monolithic D/A converter including a +10V temperature compensated voltage reference, current-to-voltage amplifier, a high-speed synchronous serial interface, a serial output which allows cascading multiple converters, and an asyn- chronous clear function which immediately sets the output voltage to zero. The output voltage range is 0 to +10V while operating from ±12V to ±15V supplies, and the gain and bipolar offset adjustments are designed so that they can be set via external potentiometers or external D/A convert- ers. The output amplifier is protected against short- circuiting to ground. The 16-pin DAC716 is available in a plastic 0.3" DIP and a wide-body plastic SOIC package. The DAC716P, U, PB, and UB are specified over the –40 °C to +85°C range while the DAC716UK and PK are specified over the 0 °C to +70°C range. ® © 1996 Burr-Brown Corporation PDS-1324B Printed in U.S.A. March, 1998 FEATURES: q SERIAL DIGITAL INTERFACE q VOLTAGE OUTPUT: 0 to +10V q ±2 LSB INTEGRAL LINEARITY q PRECISION INTERNAL REFERENCE q LOW NOISE: 120nV/ √Hz Including Reference q 16-LEAD PLASTIC SKINNY DIP AND PLASTIC SOIC PACKAGES V OUT V REF OUT +10V Reference Circuit 16-Bit D/A Converter D/A Latch SDO 16 Input Shift Register 16 A 1 SDI CLK CLR A 0 Offset Adjust Gain Adjust International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111 Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132 SBAS049 |
Podobny numer części - DAC716U |
|
Podobny opis - DAC716U |