Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST-201 Arkusz danych(PDF) 11 Page - NEC

Numer części ST-201
Szczegółowy opis  DC Line Fileters
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEC [NEC]
Strona internetowa  http://www.nec.com/
Logo NEC - NEC

ST-201 Arkusz danych(HTML) 11 Page - NEC

Back Button ST-201 Datasheet HTML 7Page - NEC ST-201 Datasheet HTML 8Page - NEC ST-201 Datasheet HTML 9Page - NEC ST-201 Datasheet HTML 10Page - NEC ST-201 Datasheet HTML 11Page - NEC ST-201 Datasheet HTML 12Page - NEC ST-201 Datasheet HTML 13Page - NEC ST-201 Datasheet HTML 14Page - NEC ST-201 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
5.0
7.5
N1
N2
4
3
1
2
10.5 max.
7.5 max.
7.5±0.5
5.0±0.5
4-ø0.6
10.5max.
1
2
4
3
11
DC Line Filters VOL.10
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9634DCLVOL10E1106E2
DIP Type
Common Mode Power Line
Circuit Diagram
Shape and Dimensions
SBT-03W Series
[RoHS Compliant]
SBT-0308W
50
3.0
6.75
20
–25 to +85
0.4
SBT-0310W
50
2.5
7.7
30
–25 to +80
0.35
Bulk (100 pcs.)
SBT-0315W
50
2.0
11.9
45
–25 to +75
0.3
Rated voltage
Rated current
Inductance
DC resistance
Operating
Wire size
Model
(100kHz, 1mA)
temperature range
Packaging
DC (V)
(A)
(µH) min.
(m ) max.
(˚C)
(mmø)
SBT-03W Series
[RoHS Compliant]
10000
1000
100
10
1
0308W
0310W
0315W
Frequency (MHz)
1
10
100
1000
Impedance vs. Frequency
[mm]
[mm]
• Withstanding voltage: 200VDC (one minute, between lines)
• Insulation resistance: more than 10M
(100VDC, between lines)


Podobny numer części - ST-201

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kemet Corporation
ST-201 KEMET-ST-201 Datasheet
72Kb / 1P
   KEMET, ST, DC Line Filters, Common Mode
ST-201A KEMET-ST-201A Datasheet
85Kb / 1P
   KEMET, ST, DC Line Filters, Common Mode
logo
Heyco.
ST-201N HEYCO-ST-201N Datasheet
63Kb / 1P
   Lockit™ ST and RDD Strain Relief Bushings
More results

Podobny opis - ST-201

ProducentNumer częściArkusz danychSzczegółowy opis
logo
CUI INC
VFM-50 CUI-VFM-50_V01 Datasheet
779Kb / 5P
   DC POWER LINE FILTER
01/25/2022
VFM-30-UW CUI-VFM-30-UW Datasheet
796Kb / 7P
   DC POWER LINE FILTER
VFM-30-UW CUI-VFM-30-UW_V01 Datasheet
863Kb / 5P
   DC POWER LINE FILTER
01/14/2022
VFM-03 CUI-VFM-03_V01 Datasheet
811Kb / 5P
   DC POWER LINE FILTER
01/25/2022
VFM-70 CUI-VFM-70_V01 Datasheet
776Kb / 5P
   DC POWER LINE FILTER
01/25/2022
VFM-30-W CUI-VFM-30-W Datasheet
793Kb / 7P
   DC POWER LINE FILTER
VFM-30-W CUI-VFM-30-W_V01 Datasheet
781Kb / 5P
   DC POWER LINE FILTER
01/14/2022
VFM-50-UW CUI-VFM-50-UW_V01 Datasheet
874Kb / 5P
   DC POWER LINE FILTER
01/25/2022
VFM-70 CUI-VFM-70 Datasheet
787Kb / 7P
   DC POWER LINE FILTER
VFM-03 CUI-VFM-03 Datasheet
1Mb / 7P
   DC POWER LINE FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com