Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

Si4355-B1A-FM Arkusz danych(PDF) 7 Page - Silicon Laboratories

Numer części Si4355-B1A-FM
Szczegółowy opis  EASY-TO-USE, LOW-CURRENT OOK/(G)FSK SUB-GHZ RECEIVER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si4355-B1A-FM Arkusz danych(HTML) 7 Page - Silicon Laboratories

Back Button Si4355-B1A-FM Datasheet HTML 3Page - Silicon Laboratories Si4355-B1A-FM Datasheet HTML 4Page - Silicon Laboratories Si4355-B1A-FM Datasheet HTML 5Page - Silicon Laboratories Si4355-B1A-FM Datasheet HTML 6Page - Silicon Laboratories Si4355-B1A-FM Datasheet HTML 7Page - Silicon Laboratories Si4355-B1A-FM Datasheet HTML 8Page - Silicon Laboratories Si4355-B1A-FM Datasheet HTML 9Page - Silicon Laboratories Si4355-B1A-FM Datasheet HTML 10Page - Silicon Laboratories Si4355-B1A-FM Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Si4355
Rev 1.0
7
Table 6. Digital IO Specifications (GPIO_x, SCLK, SDO, SDI, nSEL, nIRQ)1
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Rise Time
TRISE
0.1 x VDD to 0.9 x VDD,
CL= 10 pF, DRV<1:0>=HH
—2.3
ns
Fall Time
TFALL
0.9 x VDD to 0.1 x VDD,
CL= 10 pF, DRV<1:0>=HH
—2
ns
Input Capacitance
CIN
—2
pF
Logic High Level Input Voltage
VIH
VDD x0.7
V
Logic Low Level Input Voltage
VIL
——
VDD x0.3
V
Input Current
IIN
0<VIN <VDD
–10
10
µA
Input Current If Pullup is Activated
IINP
VIL =0V
1
10
µA
Drive Strength for Output Low
Level2
IOLL
DRV<1:0> = LL
2.1
mA
IOLH
DRV<1:0> = LH
1.5
mA
IOHL
DRV<1:0> = HL
1.0
mA
IOHH
DRV<1:0> = HH
0.4
mA
Drive Strength for Output High
Level (GPIO1, GPIO2, GPIO3)2
IOLL
DRV<1:0> = LL
4.5
mA
IOLH
DRV<1:0> = LH
3.3
mA
IOHL
DRV<1:0> = HL
2.1
mA
IOHH
DRV<1:0> = HH
0.7
mA
Drive Strength for Output High
Level (GPIO0)2
IOLL
DRV<1:0> = LL
1.9
mA
IOLH
DRV<1:0> = LH
1.7
mA
IOHL
DRV<1:0> = HL
1.3
mA
IOHH
DRV<1:0> = HH
0.6
mA
Logic High Level Output Voltage
VOH
IOUT = 500 µA
VDD x0.8
V
Logic Low Level Output Voltage
VOL
IOUT = 500 µA
VDD x0.2
V
Notes:
1. All specifications guaranteed by qualification. Qualification test conditions are listed in the "Qualification Test
Conditions" section in "1.1. Definition of Test Conditions" on page 9.
2. GPIO output current measured at 3.3 VDC VDD with VOH = 2.7 VDC and VOL =0.66VDC.


Podobny numer części - Si4355-B1A-FM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
Si4355-C2A-GM SILABS-Si4355-C2A-GM Datasheet
1Mb / 39P
   EASY-TO-USE, LOW-CURRENT OOK/(G)FSK SUB-GHZ TRANSCEIVER, TRANSMITTER, AND RECEIVER
More results

Podobny opis - Si4355-B1A-FM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI4455-B1A-FM SILABS-SI4455-B1A-FM Datasheet
1Mb / 40P
   EASY-TO-USE, LOW-CURRENT OOK/(G)FSK SUB-GHZ TRANSCEIVER
SI4455-C2A-GMR SILABS-SI4455-C2A-GMR Datasheet
1Mb / 39P
   EASY-TO-USE, LOW-CURRENT OOK/(G)FSK SUB-GHZ TRANSCEIVER, TRANSMITTER, AND RECEIVER
logo
Melexis Microelectronic...
MLX71121 MELEXIS-MLX71121_15 Datasheet
356Kb / 29P
   FSK/OOK Receiver
logo
List of Unclassifed Man...
CMT2257AW-EQR ETC2-CMT2257AW-EQR Datasheet
201Kb / 5P
   300 ??960 MHz OOK/(G)FSK Receiver with Decoder
logo
Analog Devices
ADF7024 AD-ADF7024 Datasheet
603Kb / 24P
   Easy to Use, Low Power, Sub GHz, ISM/SRD, FSK/GFSK, Transceiver IC
logo
List of Unclassifed Man...
CMT2213AW-EQR ETC2-CMT2213AW-EQR Datasheet
750Kb / 25P
   Low-Cost 300 ??480 MHz (G)FSK/OOK Stand-Alone RF Receiver
logo
Holtek Semiconductor In...
BC2102 HOLTEK-BC2102 Datasheet
1Mb / 15P
   Sub-1GHz OOK/FSK Transmitter
logo
List of Unclassifed Man...
CMT2119AW-ESR ETC2-CMT2119AW-ESR Datasheet
858Kb / 29P
   240 ??960 MHz (G)FSK/OOK Transmitter
CMT2113AW-ESR ETC2-CMT2113AW-ESR Datasheet
765Kb / 26P
   Low-Cost 240 ??480 MHz (G)FSK/OOK Transmitter
logo
IET Labs Inc.
CMT2119AW IET-CMT2119AW Datasheet
858Kb / 29P
   240 – 960 MHz (G)FSK/OOK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com