Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

54AC240-N Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części 54AC240-N
Szczegółowy opis  54AC240 54ACT240 Octal Buffer/Line Driver with TRI-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

54AC240-N Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button 54AC240-N Datasheet HTML 2Page - Texas Instruments 54AC240-N Datasheet HTML 3Page - Texas Instruments 54AC240-N Datasheet HTML 4Page - Texas Instruments 54AC240-N Datasheet HTML 5Page - Texas Instruments 54AC240-N Datasheet HTML 6Page - Texas Instruments 54AC240-N Datasheet HTML 7Page - Texas Instruments 54AC240-N Datasheet HTML 8Page - Texas Instruments 54AC240-N Datasheet HTML 9Page - Texas Instruments 54AC240-N Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AC Electrical Characteristics
54AC
V
CC
T
A = −55˚C
Symbol
Parameter
(V)
to +125˚C
Units
(Note 8)
C
L = 50 pF
Min
Max
t
PLH
Propagation Delay
3.3
1.0
11.0
ns
Data to Output
5.0
1.0
8.5
t
PHL
Propagation Delay
3.3
1.0
10.5
ns
Data to Output
5.0
1.0
8.0
t
PZH
Output Enable Time
3.3
1.0
11.5
ns
5.0
1.0
9.0
t
PZL
Output Enable Time
3.3
1.0
13.0
ns
5.0
1.0
10.5
t
PHZ
Output Disable Time
3.3
1.0
12.5
ns
5.0
1.0
10.5
t
PLZ
Output Disable Time
3.3
1.0
13.5
ns
5.0
1.0
11.0
Note 8: Voltage Range 3.3 is 3.3V ±0.3V
Voltage Range 5.0 is 5.0V ±0.5V
AC Electrical Characteristics
54ACT
V
CC
T
A = −55˚C
Symbol
Parameter
(V)
to +125˚C
Units
(Note 9)
C
L = 50 pF
Min
Max
t
PLH
Propagation Delay
5.0
1.0
9.5
ns
Data to Output
t
PHL
Propagation Delay
5.0
1.0
9.0
ns
Data to Output
t
PZH
Output Enable Time
5.0
1.0
10.0
ns
t
PZL
Output Enable Time
5.0
1.0
11.5
ns
t
PHZ
Output Disable Time
5.0
1.0
11.0
ns
t
PLZ
Output Disable Time
5.0
1.0
11.5
ns
Note 9: Voltage Range 5.0 is 5.0V ±0.5V
Capacitance
Symbol
Parameter
Typ
Units
Conditions
C
IN
Input Capacitance
4.5
pF
V
CC = OPEN
C
PD
Power Dissipation
45.0
pF
V
CC = 5.0V
Capacitance
5
www.national.com


Podobny numer części - 54AC240-N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
54AC240 NSC-54AC240 Datasheet
138Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
logo
Silicon Supplies
54AC240 SS-54AC240 Datasheet
754Kb / 6P
   Advanced CMOS Logic
54AC240 SS-54AC240 Datasheet
413Kb / 6P
   Advanced CMOS Logic
Rev 1.1 30/11/21
logo
National Semiconductor ...
54AC240D NSC-54AC240D Datasheet
138Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54AC240F NSC-54AC240F Datasheet
138Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
More results

Podobny opis - 54AC240-N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
54ABT240 NSC-54ABT240 Datasheet
134Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54AC244 NSC-54AC244 Datasheet
136Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT244 NSC-54FCT244 Datasheet
110Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54F540DM NSC-54F540DM Datasheet
166Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54AC541 NSC-54AC541 Datasheet
124Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT240 NSC-54FCT240 Datasheet
129Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT540 NSC-54FCT540 Datasheet
125Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT541 NSC-54FCT541 Datasheet
131Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54ABT541 NSC-54ABT541 Datasheet
259Kb / 10P
   Octal Buffer/Line Driver with TRI-STATE Outputs
logo
Texas Instruments
5962-86716012A TI-5962-86716012A Datasheet
111Kb / 5P
[Old version datasheet]   Octal Buffer/Line Driver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com