Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74ACT11648DW Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części 74ACT11648DW
Szczegółowy opis  OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

74ACT11648DW Arkusz danych(HTML) 1 Page - Texas Instruments

  74ACT11648DW Datasheet HTML 1Page - Texas Instruments 74ACT11648DW Datasheet HTML 2Page - Texas Instruments 74ACT11648DW Datasheet HTML 3Page - Texas Instruments 74ACT11648DW Datasheet HTML 4Page - Texas Instruments 74ACT11648DW Datasheet HTML 5Page - Texas Instruments 74ACT11648DW Datasheet HTML 6Page - Texas Instruments 74ACT11648DW Datasheet HTML 7Page - Texas Instruments 74ACT11648DW Datasheet HTML 8Page - Texas Instruments 74ACT11648DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
G
A1
A2
A3
A4
GND
GND
GND
GND
A5
A6
A7
A8
DIR
CAB
SAB
B1
B2
B3
B4
VCC
VCC
B5
B6
B7
B8
CBA
SBA
DW PACKAGE
(TOP VIEW)
74ACT11648
OCTAL BUS TRANSCEIVER AND REGISTER
WITH 3STATE OUTPUTS
SCAS115 − D3458, MARCH 1990 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Copyright
1993, Texas Instruments Incorporated
2−1
Inputs Are TTL-Voltage Compatible
Independent Registers A and B Buses
Multiplexed Real-Time and Stored Data
Inverting Data Paths
Flow-Through Architecture to Optimize
PCB Layout
Center-Pin V
CC and GND Configurations
Minimize High-Speed Switching Noise
EPICt (Enhanced-Performance Implanted
CMOS) 1-
mm Process
500-mA Typical Latch-Up Immunity
at 125
°C
description
The 74ACT11648 consists of bus transceiver
circuits with 3-state outputs, D-type flip-flops, and
control circuitry arranged for multiplexed trans-
mission of data directly from the data bus or from
the internal storage registers. Data on the A or B bus will be clocked into the registers on the low-to-high
transition of the appropriate clock pin (CAB or CBA). Examples of the four fundamental bus-management
functions that can be performed with the octal bus transceivers and registers are shown in Figure 1.
Enable (G) and direction (DIR) pins are provided to control the transceiver functions. In the transceiver mode,
data present at the high-impedance port may be stored in either register or in both. The select controls (SAB
and SBA) can multiplex stored and real-time (transparent mode) data. The circuitry used for select control will
eliminate the typical decoding glitch that occurs in a mulitplexer during the transition between stored and
real-time data. The direction control determines which bus will receive data when enable G is active (low). In
the isolation mode (control G high), A data may be stored in one register and/or B data may be stored in the
other register.
When an output function is disabled, the input function is still enabled and may be used to store and transmit
data. Only one of the two buses, A or B, may be driven at a time.
The 74ACT11648 is characterized for operation from − 40
°C to 85°C.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
EPIC is a trademark of Texas Instruments Incorporated.


Podobny numer części - 74ACT11648DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74ACT11640 TI1-74ACT11640 Datasheet
96Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT11640DW TI1-74ACT11640DW Datasheet
96Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT11640DWR TI1-74ACT11640DWR Datasheet
96Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT11640NT TI1-74ACT11640NT Datasheet
96Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT11643 TI1-74ACT11643 Datasheet
96Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Podobny opis - 74ACT11648DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74AC11646 TI1-74AC11646_09 Datasheet
136Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT651 TI1-SN74BCT651 Datasheet
236Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT2953 TI1-SN74BCT2953 Datasheet
92Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74ACT11652 TI-74ACT11652 Datasheet
147Kb / 8P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74AC11651 TI1-74AC11651_10 Datasheet
158Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT2952 TI1-SN74BCT2952 Datasheet
103Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74ACT11651 TI1-74ACT11651 Datasheet
145Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74AC11646 TI-74AC11646 Datasheet
121Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC646 TI-SN74LVC646 Datasheet
124Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74AC11648 TI1-74AC11648_10 Datasheet
139Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10