Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS58C28 Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS58C28
Szczegółowy opis  Dual Channel IF Receiver with SNRBoost3G
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS58C28 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button ADS58C28 Datasheet HTML 7Page - Texas Instruments ADS58C28 Datasheet HTML 8Page - Texas Instruments ADS58C28 Datasheet HTML 9Page - Texas Instruments ADS58C28 Datasheet HTML 10Page - Texas Instruments ADS58C28 Datasheet HTML 11Page - Texas Instruments ADS58C28 Datasheet HTML 12Page - Texas Instruments ADS58C28 Datasheet HTML 13Page - Texas Instruments ADS58C28 Datasheet HTML 14Page - Texas Instruments ADS58C28 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
DRVDD
CHA_D4
CHA_D3
CHA_D2
CHA_D1
CHA_D0
NC
NC
NC
NC
NC
CTRL3
CTRL2
CTRL1
AVDD
AVDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
DRVDD
CHB_D1
CHB_D2
CHB_D3
CHB_D4
CHB_D5
CHB_D6
CHB_D7
CHB_D8
CHB_D9
CHB_D10
RESET
SCLK
SDATA
SEN
AVDD
ThermalPad
(ConnectedtoDRGND)
ADS58C28
www.ti.com
SBAS509B – JUNE 2010 – REVISED OCTOBER 2010
PIN CONFIGURATION (CMOS MODE)
RGC PACKAGE(3)
QFN-64
(TOP VIEW)
(4) The PowerPAD is connected to DRGND.
(5) NC = no connection.
Figure 3. ADS58C28 CMOS Pinout
Pin Assignments (CMOS Mode)
# OF
PIN NAME
PIN NUMBER
PINS
FUNCTION
DESCRIPTION
AVDD
16, 22, 33, 34
4
Input
Analog power supply
17, 18, 21, 24, 27, 28,
AGND
8
Input
Analog ground
31, 32
CLK_P
25
1
Input
Differential clock positive input
CLK_M
26
1
Input
Differential clock negative input
INA_P
29
1
Input
Differential analog positive input, channel A
INA_M
30
1
Input
Differential analog negative input, channel A
INB_P
19
1
Input
Differential analog positive input, channel B
INB_M
20
1
Input
Differential analog negative input, channel B
This pin outputs the common-mode voltage (0.95V) that can be used externally to bias
CM
23
1
Output
the analog input pins
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS58C28


Podobny numer części - ADS58C28

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS58C28 TI-ADS58C28 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost3G
ADS58C28 TI1-ADS58C28 Datasheet
2Mb / 68P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost3G
ADS58C28 TI1-ADS58C28 Datasheet
2Mb / 68P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost 3G
ADS58C28IRGC TI-ADS58C28IRGC Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost3G
ADS58C28IRGCR TI1-ADS58C28IRGCR Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost3G
More results

Podobny opis - ADS58C28

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS58C28 TI-ADS58C28 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost3G
ADS58C28IRGCR TI1-ADS58C28IRGCR Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost3G
ADS58C28 TI1-ADS58C28_14 Datasheet
2Mb / 68P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost3G
ADS58C20 TI1-ADS58C20 Datasheet
337Kb / 7P
[Old version datasheet]   Dual IF Receivers with SNRBoost3G Signal Processing
ADS58C28 TI1-ADS58C28_16 Datasheet
2Mb / 68P
[Old version datasheet]   Dual Channel IF Receiver with SNRBoost 3G
logo
Analog Devices
AD6642 AD-AD6642_17 Datasheet
1Mb / 33P
   Dual IF Receiver
AD6643 AD-AD6643_17 Datasheet
1Mb / 41P
   Dual IF Receiver
AD6642 AD-AD6642 Datasheet
1Mb / 32P
   Dual IF Receiver
REV. 0
AD6659 AD-AD6659 Datasheet
1Mb / 40P
   Dual IF Receiver
REV. A
AD6643 AD-AD6643_12 Datasheet
1Mb / 40P
   Dual IF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com