Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS130E08IPAG Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS130E08IPAG
Szczegółowy opis  Low-Cost, 8-Channel, Integrated Analog Front-End for Metering Applications
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS130E08IPAG Arkusz danych(HTML) 5 Page - Texas Instruments

  ADS130E08IPAG Datasheet HTML 1Page - Texas Instruments ADS130E08IPAG Datasheet HTML 2Page - Texas Instruments ADS130E08IPAG Datasheet HTML 3Page - Texas Instruments ADS130E08IPAG Datasheet HTML 4Page - Texas Instruments ADS130E08IPAG Datasheet HTML 5Page - Texas Instruments ADS130E08IPAG Datasheet HTML 6Page - Texas Instruments ADS130E08IPAG Datasheet HTML 7Page - Texas Instruments ADS130E08IPAG Datasheet HTML 8Page - Texas Instruments ADS130E08IPAG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
ADS130E08
www.ti.com
SBAS574 – JULY 2012
ELECTRICAL CHARACTERISTICS (continued)
Minimum and maximum specifications apply from –40°C to +105°C. Typical specifications are at +25°C. All specifications are
at DVDD = 1.8 V, AVDD = 3 V, AVSS = 0 V, VREF = 2.4 V, external fCLK = 2.048 MHz, data rate = 8 kSPS, and gain = 1,
unless otherwise noted.
ADS130E08
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER-SUPPLY REQUIREMENTS
AVDD
Analog supply
AVDD – AVSS
2.7
3
5.25
V
DVDD
Digital supply
1.7
1.8
3.6
V
AVDD – DVDD
–2.1
3.6
V
SUPPLY CURRENT (Operational Amplifier Turned Off)
AVDD – AVSS = 3 V
1.8
mA
IAVDD
AVDD – AVSS = 5 V
2.2
mA
Normal operation
DVDD = 3.3 V
0.5
mA
IDVDD
DVDD = 1.8 V
0.3
mA
POWER DISSIPATION
Normal mode
6
6.6
mW
Quiescent power dissipation
Power-down mode
10
µW
(analog supply = 3 V)
Standby mode
2
mW
Normal mode
11.5
mW
Quiescent power dissipation
Power-down mode
20
µW
(analog supply = 5 V)
Standby mode
4
mW
TEMPERATURE
Specified
–40
+105
°C
Temperature range
Operating
–40
+105
°C
Storage
–60
+150
°C
THERMAL INFORMATION
ADS130E08
THERMAL METRIC
PAG (TQFP)
UNITS
64 PINS
θJA
Junction-to-ambient thermal resistance
35
θJCtop
Junction-to-case (top) thermal resistance
31
θJB
Junction-to-board thermal resistance
26
°C/W
ψJT
Junction-to-top characterization parameter
0.1
ψJB
Junction-to-board characterization parameter
NA
θJCbot
Junction-to-case (bottom) thermal resistance
NA
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS130E08


Podobny numer części - ADS130E08IPAG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS130E08IPAG TI1-ADS130E08IPAG Datasheet
1Mb / 52P
[Old version datasheet]   Low-Cost, 8-Channel, Integrated Analog Front-End for Metering Applications
ADS130E08IPAGR TI1-ADS130E08IPAGR Datasheet
1Mb / 52P
[Old version datasheet]   Low-Cost, 8-Channel, Integrated Analog Front-End for Metering Applications
More results

Podobny opis - ADS130E08IPAG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS130E08 TI1-ADS130E08_14 Datasheet
1Mb / 52P
[Old version datasheet]   Low-Cost, 8-Channel, Integrated Analog Front-End for Metering Applications
AFE5807ZCF TI1-AFE5807ZCF Datasheet
1Mb / 74P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End
AFE5803 TI-AFE5803 Datasheet
790Kb / 52P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End
AFE5805 TI-AFE5805 Datasheet
417Kb / 32P
[Old version datasheet]   8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND
AFE5809 TI-AFE5809 Datasheet
432Kb / 9P
[Old version datasheet]   Analog Front End for Ultrasonic Applications
AFE4400 TI-AFE4400 Datasheet
1Mb / 69P
[Old version datasheet]   Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
AFE4300 TI1-AFE4300 Datasheet
334Kb / 30P
[Old version datasheet]   Low-Cost, Integrated Analog Front-End for Weight-Scale and Body Composition Measurement
AFE4300PNR TI1-AFE4300PNR Datasheet
309Kb / 30P
[Old version datasheet]   Low-Cost, Integrated Analog Front-End for Weight-Scale and Body Composition Measurement
AFE4400 TI1-AFE4400_15 Datasheet
2Mb / 87P
[Old version datasheet]   AFE4400 Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
AFE4490 TI1-AFE4490_14 Datasheet
2Mb / 96P
[Old version datasheet]   Integrated Analog Front-End for Pulse Oximeters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com