Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1191IPBS Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1191IPBS
Szczegółowy opis  Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1191IPBS Arkusz danych(HTML) 5 Page - Texas Instruments

  ADS1191IPBS Datasheet HTML 1Page - Texas Instruments ADS1191IPBS Datasheet HTML 2Page - Texas Instruments ADS1191IPBS Datasheet HTML 3Page - Texas Instruments ADS1191IPBS Datasheet HTML 4Page - Texas Instruments ADS1191IPBS Datasheet HTML 5Page - Texas Instruments ADS1191IPBS Datasheet HTML 6Page - Texas Instruments ADS1191IPBS Datasheet HTML 7Page - Texas Instruments ADS1191IPBS Datasheet HTML 8Page - Texas Instruments ADS1191IPBS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 61 page
background image
ADS1191
ADS1192
www.ti.com
SBAS566
– DECEMBER 2011
ELECTRICAL CHARACTERISTICS (continued)
Minimum and maximum specifications apply from
–40°C to +85°C. Typical specifications are at +25°C. All specifications at
DVDD = 1.8 V, AVDD
– AVSS = 3 V
(1), V
REF = 2.42 V, external fCLK = 512 kHz, data rate = 500 SPS, CFILTER = 4.7 nF
(2), and
gain = 6, unless otherwise noted.
ADS1191, ADS1192
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SYSTEM MONITORS
Analog supply reading error
2
%
Digital supply reading error
2
%
From power supply ramp after power-on-reset
32
ms
to DRDY low
Device wake up
From power-down mode to DRDY low
10
ms
From STANDBY mode to DRDY low
10
ms
VCAP1 settling time
1% accuracy with 1-
µF capacitor
0.5
s
Voltage
TA = +25°C
145
mV
Temperature sensor
reading
Coefficient
490
μV/°C
TEST SIGNAL
Signal frequency
See Register Map section for settings
At dc and 1 Hz
Hz
Signal voltage
See Register Map section for settings
±1
mV
Accuracy
±2
%
CLOCK
Nominal frequency
512
kHz
Internal oscillator clock frequency
TA = +25°C
±0.5
%
–40°C ≤ TA ≤ +85°C
±1.5
%
Internal oscillator start-up time
32
μs
Internal oscillator power consumption
30
μW
CLKSEL pin = 0, CLK_DIV = 0
485
512
562.5
kHz
External clock input frequency
CLKSEL pin = 0, CLK_DIV = 1
1.94
2.048
2.25
MHz
DIGITAL INPUT/OUTPUT (DVDD = 1.8 V to 3.6 V)
VIH (DVDD =
0.8 DVDD
DVDD + 0.1
V
1.8 V to 3.6 V)
VIL(DVDD =
–0.1
0.2 DVDD
V
1.8 V to 3.6 V)
Logic level
VIH (DVDD =
DVDD
– 0.2
V
1.7 V to 1.8 V)
VIL (DVDD =
0.2
V
1.7 V to 1.8 V)
Input current (IIN)
0 V
< VDigitalInput < DVDD
–10
+10
μA
POWER-SUPPLY REQUIREMENTS (RLD Amplifiers Turned Off)
AVDD
Analog supply
AVDD
– AVSS
2.7
3
5.25
V
DVDD
Digital supply
1.7
1.8
3.6
V
AVDD
– DVDD
–2.1
3.6
V
SUPPLY CURRENT
AVDD
– AVSS = 3 V
205
µA
IAVDD
AVDD
– AVSS = 5 V
250
µA
Normal mode
DVDD = 3.3 V
75
µA
IDVDD
DVDD = 1.8 V
32
µA
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS1191 ADS1192


Podobny numer części - ADS1191IPBS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1191IPBS TI1-ADS1191IPBS Datasheet
1Mb / 67P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1191IPBS TI1-ADS1191IPBS Datasheet
1Mb / 68P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1191IPBSR TI1-ADS1191IPBSR Datasheet
1Mb / 67P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1191IPBSR TI1-ADS1191IPBSR Datasheet
1Mb / 68P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
More results

Podobny opis - ADS1191IPBS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1191IRSMT TI1-ADS1191IRSMT Datasheet
1Mb / 67P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1191 TI1-ADS1191_14 Datasheet
1Mb / 68P
[Old version datasheet]   Low-Power, 2-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1194 TI1-ADS1194_13 Datasheet
1Mb / 76P
[Old version datasheet]   Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1291 TI-ADS1291 Datasheet
1Mb / 69P
[Old version datasheet]   Low-Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ASD1194 TI-ASD1194 Datasheet
1Mb / 76P
[Old version datasheet]   Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
ADS1198 TI-ADS1198 Datasheet
1Mb / 73P
[Old version datasheet]   Low-Power 8-Channel 16-Bit Analog Front-End for Biopotential Measurements
ADS1291 TI1-ADS1291_14 Datasheet
1Mb / 75P
[Old version datasheet]   Power, 2-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1008 TI-ADS1294_1008 Datasheet
1Mb / 80P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1293 TI-ADS1293 Datasheet
1Mb / 75P
[Old version datasheet]   Low Power, 3-Channel, 24-Bit Analog Front End for Biopotential Measurements
ADS1294 TI1-ADS1294_15 Datasheet
2Mb / 107P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com