Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1243SKGD1 Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS1243SKGD1
Szczegółowy opis  24-BIT ANALOG-TO-DIGITAL CONVERTER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1243SKGD1 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button ADS1243SKGD1 Datasheet HTML 3Page - Texas Instruments ADS1243SKGD1 Datasheet HTML 4Page - Texas Instruments ADS1243SKGD1 Datasheet HTML 5Page - Texas Instruments ADS1243SKGD1 Datasheet HTML 6Page - Texas Instruments ADS1243SKGD1 Datasheet HTML 7Page - Texas Instruments ADS1243SKGD1 Datasheet HTML 8Page - Texas Instruments ADS1243SKGD1 Datasheet HTML 9Page - Texas Instruments ADS1243SKGD1 Datasheet HTML 10Page - Texas Instruments ADS1243SKGD1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
V
DD
X
IN
X
OUT
PDWN
V
REF+
V
REF–
A
IN
0/D0
A
IN
1/D1
A
IN
4/D4
A
IN
5/D5
DRDY
SCLK
D
OUT
D
IN
CS
GND
A
IN
3/D3
A
IN
2/D2
A
IN
7/D7
A
IN
6/D6
ADS1243-HT
www.ti.com
SBAS525
– DECEMBER 2011
PIN CONFIGURATION
CDIP PACKAGE
(TOP VIEW)
PIN ASSIGNMENTS
PIN #
NAME
DESCRIPTION
1
VDD
Power Supply
2
XIN
Clock Input
3
XOUT
Clock Output, used with crystal or ceramic resonator.
4
PDWN
Active LOW. Power Down. The power down function shuts down the analog and digital circuits.
5
VREF+
Positive Differential Reference Input
6
VREF–
Negative Differential Reference Input
7
AIN0/D0
Analog Input 0/Data I/O 0
8
AIN1/D1
Analog Input 1/Data I/O 1
9
AIN4/D4
Analog Input 4/Data I/O 4
10
AIN5/D5
Analog Input 5/Data I/O 5
11
AIN6/D6
Analog Input 6/Data I/O 6
12
AIN7/D7
Analog Input 7/Data I/O 7
13
AIN2/D2
Analog Input 2/Data I/O 2
14
AIN3/D3
Analog Input 3/Data I/O 3
15
GND
Ground
16
CS
Active LOW, Chip Select
17
DIN
Serial Data Input, Schmitt Trigger
18
DOUT
Serial Data Output
19
SCLK
Serial Clock, Schmitt Trigger
20
DRDY
Active LOW, Data Ready
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ADS1243-HT


Podobny numer części - ADS1243SKGD1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1243SKGD1 TI1-ADS1243SKGD1 Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS1243SKGD1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
[Old version datasheet]   24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI1-ADS1242_14 Datasheet
1Mb / 33P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_16 Datasheet
1,019Kb / 30P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1222IPWTG4 TI1-ADS1222IPWTG4 Datasheet
621Kb / 26P
[Old version datasheet]   24-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com