Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7841-Q1 Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS7841-Q1
Szczegółowy opis  12-BIT 4-CHANNEL SERIAL-OUTPUT SAMPLING ANALOG-TO-DIGITAL CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7841-Q1 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button ADS7841-Q1 Datasheet HTML 5Page - Texas Instruments ADS7841-Q1 Datasheet HTML 6Page - Texas Instruments ADS7841-Q1 Datasheet HTML 7Page - Texas Instruments ADS7841-Q1 Datasheet HTML 8Page - Texas Instruments ADS7841-Q1 Datasheet HTML 9Page - Texas Instruments ADS7841-Q1 Datasheet HTML 10Page - Texas Instruments ADS7841-Q1 Datasheet HTML 11Page - Texas Instruments ADS7841-Q1 Datasheet HTML 12Page - Texas Instruments ADS7841-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
REFERENCE CURRENT vs SAMPLE RATE
75
0
125
25
50
100
Sample Rate (kHz)
14
12
10
8
6
4
2
0
REFERENCE CURRENT vs TEMPERATURE
20
–40
100
–20
0
40
Temperature (°C)
18
16
14
12
10
8
6
60
80
MAXIMUM SAMPLE RATE vs V
CC
3.5
2
5
2.5
4
V
CC
(V)
1M
100k
10k
1k
4.5
3
V
REF = VCC
SUPPLY CURRENT vs V
CC
3.5
2
5
2.5
4
V
CC (V)
320
300
280
260
240
220
200
180
4.5
3
f
SAMPLE = 12.5kHz
V
REF = V CC
ADS7841-Q1
www.ti.com
SBAS469B
– MARCH 2009 – REVISED SEPTEMBER 2011
TYPICAL CHARACTERISTICS, VCC = 2.7 V (continued)
VCC = 2.7 V, TA = 25°C, VREF = 2.5 V, fSAMPLE = 125 kHz, fCLK = 16 × fSAMPLE = 2 MHz (unless otherwise noted)
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ADS7841-Q1


Podobny numer części - ADS7841-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS7841 BURR-BROWN-ADS7841 Datasheet
277Kb / 14P
   12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7841 TI-ADS7841 Datasheet
476Kb / 19P
[Old version datasheet]   12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7841 TI1-ADS7841 Datasheet
492Kb / 20P
[Old version datasheet]   12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7841E BURR-BROWN-ADS7841E Datasheet
277Kb / 14P
   12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7841E TI-ADS7841E Datasheet
476Kb / 19P
[Old version datasheet]   12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS7841-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7841 TI1-ADS7841_14 Datasheet
492Kb / 20P
[Old version datasheet]   12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7841 BURR-BROWN-ADS7841 Datasheet
277Kb / 14P
   12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7841EG4 TI-ADS7841EG4 Datasheet
476Kb / 19P
[Old version datasheet]   12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7844 TI1-ADS7844_14 Datasheet
770Kb / 23P
[Old version datasheet]   12-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7844 BURR-BROWN-ADS7844 Datasheet
204Kb / 14P
   12-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8341 TI-ADS8341 Datasheet
417Kb / 18P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8341 TI1-ADS8341_14 Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8341 TI1-ADS8341_15 Datasheet
1Mb / 24P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8343 TI1-ADS8343_14 Datasheet
889Kb / 24P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8343E2K5 BURR-BROWN-ADS8343E2K5 Datasheet
874Kb / 23P
   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com