Zakładka z wyszukiwarką danych komponentów |
|
CD74HC08QM96Q1 Arkusz danych(PDF) 3 Page - Texas Instruments |
|
|
CD74HC08QM96Q1 Arkusz danych(HTML) 3 Page - Texas Instruments |
3 / 7 page CD74HC08-Q1 QUADRUPLE 2-INPUT POSITIVE-AND GATE SCLS512A − JULY 2003 − REVISED FEBRUARY 2008 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS IO V TA = 25°C CD74HC08-Q1 UNIT PARAMETER TEST CONDITIONS IO (mA) VCC MIN TYP MAX MIN MAX UNIT −0.02 2 V 1.9 1.9 CMOS loads −0.02 4.5 V 4.4 4.4 VOH VI = VIH or VIL CMOS loads −0.02 6 V 5.9 5.9 V VOH VI VIH or VIL TTL loads −4 4.5 V 3.98 3.7 V TTL loads −5.2 6 V 5.48 5.2 0.02 2 V 0.1 0.1 CMOS loads 0.02 4.5 V 0.1 0.1 VOL VI = VIH or VIL CMOS loads 0.02 6 V 0.1 0.1 V VOL VI VIH or VIL TTL loads 4 4.5 V 0.26 0.4 V TTL loads 5.2 6 V 0.26 0.4 II VI = VCC or GND 6 V ±0.1 ±1 µA ICC VI = VCC or GND 0 6 V 2 40 µA Ci 10 10 pF switching characteristics over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1) PARAMETER FROM TO CONDITIONS V TA = 25°C CD74HC08-Q1 UNIT PARAMETER FROM (INPUT) TO (OUTPUT) CONDITIONS VCC MIN TYP MAX MIN MAX UNIT 2 V 90 135 t AorB Y CL = 50 pF 4.5 V 18 27 ns tpd A or B Y CL 50 pF 6 V 15 23 ns CL = 15 pF 5 V 7 2 V 75 110 tt Y CL = 50 pF 4.5 V 15 22 ns t L p 6 V 13 19 operating characteristics, TA = 25°C, VCC = 5V PARAMETER TEST CONDITIONS TYP UNIT Cpd Power dissipation capacitance per gate (see Note 4) No load 37 pF NOTE 4: Cpd is used to determine the dynamic power consumption, per gate. PD = VCC2 fI (Cpd + CL) fI = input frequency CL = output load capacitance VCC = supply voltage |
Podobny numer części - CD74HC08QM96Q1 |
|
Podobny opis - CD74HC08QM96Q1 |