Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDC328D Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części CDC328D
Szczegółowy opis  1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CDC328D Arkusz danych(HTML) 1 Page - Texas Instruments

  CDC328D Datasheet HTML 1Page - Texas Instruments CDC328D Datasheet HTML 2Page - Texas Instruments CDC328D Datasheet HTML 3Page - Texas Instruments CDC328D Datasheet HTML 4Page - Texas Instruments CDC328D Datasheet HTML 5Page - Texas Instruments CDC328D Datasheet HTML 6Page - Texas Instruments CDC328D Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CDC328
1LINE TO 6LINE CLOCK DRIVER
WITH SELECTABLE POLARITY
SCBS116B − JANUARY 1991 − REVISED MARCH 1994
Copyright
1994, Texas Instruments Incorporated
2−1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Replaces SN74ABT328
Low Output Skew for Clock-Distribution
and Clock-Generation Applications
TTL-Compatible Inputs and Outputs
Distributes One Clock Input to Six Clock
Outputs
Polarity Control Selects True or
Complementary Outputs
Distributed V
CC and GND Pins Reduce
Switching Noise
High-Drive Outputs (−15-mA I
OH,
64-mA IOL)
State-of-the-Art EPIC-ΙΙB  BiCMOS Design
Significantly Reduces Power Dissipation
Package Options Include Plastic
Small-Outline (D) and Shrink Small-Outline
(DB) Packages
description
The CDC328 contains a clock-driver circuit that distributes one input signal to six outputs with minimum skew
for clock distribution. Through the use of the polarity-control inputs (T/C), various combinations of true and
complementary outputs can be obtained.
The CDC328 is characterized for operation from − 40
°C to 85°C.
FUNCTION TABLE
INPUTS
OUTPUT
T/C
A
OUTPUT
Y
L
L
L
L
HH
H
LH
H
H
L
logic symbol
12
A
N1
15
N2
13
1Y1
16
1
1Y2
2
1
2Y1
3
2
N3
10
N4
9
2Y2
5
2
3Y
6
3
4Y
8
4
1T/C
2T/C
3T/C
4T/C
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
D OR DB PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
GND
1Y2
2Y1
GND
2Y2
3Y
GND
4Y
1Y1
1T/C
VCC
2T/C
A
VCC
3T/C
4T/C
EPIC-
ΙΙB is a trademark of Texas Instruments Incorporated.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Podobny numer części - CDC328D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDC328A TI-CDC328A Datasheet
101Kb / 7P
[Old version datasheet]   1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
CDC328A TI1-CDC328A Datasheet
110Kb / 7P
[Old version datasheet]   1Line to 6Line Clock Driver
CDC328AD TI-CDC328AD Datasheet
101Kb / 7P
[Old version datasheet]   1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
CDC328ADB TI-CDC328ADB Datasheet
101Kb / 7P
[Old version datasheet]   1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
CDC328A TI1-CDC328A_09 Datasheet
110Kb / 7P
[Old version datasheet]   1Line to 6Line Clock Driver
More results

Podobny opis - CDC328D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDC329A TI-CDC329A Datasheet
105Kb / 7P
[Old version datasheet]   1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
CDC329 TI-CDC329 Datasheet
89Kb / 6P
[Old version datasheet]   1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
CDC328A TI-CDC328A Datasheet
101Kb / 7P
[Old version datasheet]   1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY
CDC391 TI-CDC391 Datasheet
107Kb / 7P
[Old version datasheet]   1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY AND 3-STATE OUTPUTS
CDC392 TI-CDC392 Datasheet
130Kb / 1P
[Old version datasheet]   1-LINE TO 6-LINE CLOCK DRIVER WITH SELECTABLE POLARITY AND 3-STATE OUTPUTS
CDC341 TI-CDC341 Datasheet
102Kb / 7P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
SN54CDC341 TI1-SN54CDC341 Datasheet
165Kb / 10P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
CDC341DWR TI-CDC341DWR Datasheet
279Kb / 10P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
CDC340 TI-CDC340 Datasheet
104Kb / 7P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
CDC2351-EP TI1-CDC2351-EP Datasheet
451Kb / 10P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com