Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDCLVD1208RHDR Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części CDCLVD1208RHDR
Szczegółowy opis  2:8 Low Additive Jitter LVDS Buffer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVD1208RHDR Arkusz danych(HTML) 1 Page - Texas Instruments

  CDCLVD1208RHDR Datasheet HTML 1Page - Texas Instruments CDCLVD1208RHDR Datasheet HTML 2Page - Texas Instruments CDCLVD1208RHDR Datasheet HTML 3Page - Texas Instruments CDCLVD1208RHDR Datasheet HTML 4Page - Texas Instruments CDCLVD1208RHDR Datasheet HTML 5Page - Texas Instruments CDCLVD1208RHDR Datasheet HTML 6Page - Texas Instruments CDCLVD1208RHDR Datasheet HTML 7Page - Texas Instruments CDCLVD1208RHDR Datasheet HTML 8Page - Texas Instruments CDCLVD1208RHDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
FPGA
CDCLVD1208
LVDS Buffer
IN_ SEL
PHY2
PHY2
PHY2
PHY2
PHY2
PHY2
PHY 7
125 MHz
125 MHz
Oscillator
CDCLVD1208
www.ti.com
SCAS899 – AUGUST 2010
2:8 Low Additive Jitter LVDS Buffer
Check for Samples: CDCLVD1208
1
FEATURES
DESCRIPTION
2:8 Differential Buffer
Low Additive Jitter: <300 fs RMS in
The CDCLVD1208 clock buffer distributes one of two
selectable clock inputs (IN0, IN1) to 8 pairs of
10 kHz to 20 MHz
differential
LVDS
clock
outputs
(OUT0,
OUT7)
Low Output Skew of 45 ps (Max)
with
minimum
skew
for
clock
distribution.
The
Universal Inputs Accept LVDS, LVPECL,
CDCLVD1208 can accept two clock sources into an
LVCMOS
input multiplexer. The inputs can either be LVDS,
LVPECL, or LVCMOS.
Selectable Clock Inputs through Control Pin
8 LVDS Outputs, ANSI EIA/TIA-644A Standard
The CDCLVD1208 is specifically designed for driving
Compatible
50
Ω transmission lines. If the input is in single ended
mode, the appropriate bias voltage (VAC_REF) should
Clock Frequency up to 800 MHz
be applied to the unused negative input pin.
2.375–2.625V Device Power Supply
The IN_SEL pin selects the input which is routed to
LVDS Reference Voltage, VAC_REF, Available for
the outputs. If this pin is left open it disables the
Capacitive Coupled Inputs
outputs (static). The part supports a fail safe function.
Industrial Temperature Range –40°C to 85°C
It incorporates an input hysteresis, which prevents
random oscillation of the outputs in absence of an
Packaged in 5mm × 5mm 28-Pin QFN (RHD)
input signal
ESD Protection Exceeds 3 kV HBM, 1 kV CDM
The device operates in 2.5 V supply environment and
APPLICATIONS
is characterized from –40°C to 85°C (ambient
temperature). The CDCLVD1208 is packaged in
Telecommunications/Networking
small 28-pin, 5-mm × 5-mm QFN package.
Medical Imaging
Test and Measurement Equipment
Wireless Communications
General Purpose Clocking
Figure 1. Application Example
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - CDCLVD1208RHDR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCLVD1204 TI1-CDCLVD1204 Datasheet
918Kb / 20P
[Old version datasheet]   2:4 Low Additive Jitter LVDS Buffer
CDCLVD1204RGTR TI-CDCLVD1204RGTR Datasheet
756Kb / 20P
[Old version datasheet]   2:4 Low Additive Jitter LVDS Buffer
CDCLVD1204RGTR TI1-CDCLVD1204RGTR Datasheet
918Kb / 20P
[Old version datasheet]   2:4 Low Additive Jitter LVDS Buffer
CDCLVD1204RGTT TI-CDCLVD1204RGTT Datasheet
756Kb / 20P
[Old version datasheet]   2:4 Low Additive Jitter LVDS Buffer
CDCLVD1204RGTT TI1-CDCLVD1204RGTT Datasheet
918Kb / 20P
[Old version datasheet]   2:4 Low Additive Jitter LVDS Buffer
More results

Podobny opis - CDCLVD1208RHDR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCLVD1212 TI1-CDCLVD1212 Datasheet
707Kb / 20P
[Old version datasheet]   2:12 Low Additive Jitter LVDS Buffer
CDCLVD1216 TI1-CDCLVD1216 Datasheet
752Kb / 20P
[Old version datasheet]   2:16 Low Additive Jitter LVDS Buffer
1633966 TI-1633966 Datasheet
756Kb / 20P
[Old version datasheet]   2:4 Low Additive Jitter LVDS Buffer
CDCLVD1204 TI1-CDCLVD1204_15 Datasheet
918Kb / 20P
[Old version datasheet]   2:4 Low Additive Jitter LVDS Buffer
CDCLVD2108 TI1-CDCLVD2108 Datasheet
778Kb / 20P
[Old version datasheet]   Dual 1:8 Low Additive Jitter LVDS Buffer
CDCLVD2102 TI1-CDCLVD2102 Datasheet
753Kb / 20P
[Old version datasheet]   Dual 1:2 Low Additive Jitter LVDS Buffer
LMK1D1212 TI-LMK1D1212 Datasheet
3Mb / 36P
[Old version datasheet]   LMK1D121x Low Additive Jitter LVDS Buffer
SNAS823 ??OCTOBER 2021
LMK1D2102 TI-LMK1D2102 Datasheet
2Mb / 33P
[Old version datasheet]   LMK1D210x Low Additive Jitter LVDS Buffer
SNAS822 ??SEPTEMBER 2021
LMK1D1204 TI-LMK1D1204 Datasheet
1Mb / 35P
[Old version datasheet]   LMK1D120x Low Additive Jitter LVDS Buffer
REVISED AUGUST 2021
LMK1D2106 TI-LMK1D2106 Datasheet
3Mb / 37P
[Old version datasheet]   LMK1D210x Low Additive Jitter LVDS Buffer
SNAS829 ??OCTOBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com