Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDCLVD1216RGZT Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części CDCLVD1216RGZT
Szczegółowy opis  2:16 Low Additive Jitter LVDS Buffer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CDCLVD1216RGZT Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button CDCLVD1216RGZT Datasheet HTML 7Page - Texas Instruments CDCLVD1216RGZT Datasheet HTML 8Page - Texas Instruments CDCLVD1216RGZT Datasheet HTML 9Page - Texas Instruments CDCLVD1216RGZT Datasheet HTML 10Page - Texas Instruments CDCLVD1216RGZT Datasheet HTML 11Page - Texas Instruments CDCLVD1216RGZT Datasheet HTML 12Page - Texas Instruments CDCLVD1216RGZT Datasheet HTML 13Page - Texas Instruments CDCLVD1216RGZT Datasheet HTML 14Page - Texas Instruments CDCLVD1216RGZT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LVDS
Z = 50 W
CDCLVD1216
100 W
Z = 50 W
LVDS
Z = 50 W
CDCLVD1216
100 W
100 nF
Z = 50 W
100 nF
CDCLVD1216
www.ti.com
SCAS900B – OCTOBER 2010 – REVISED JANUARY 2011
LVDS OUTPUT TERMINATION
The proper LVDS termination for signal integrity over two 50
Ω lines is 100 Ω between the outputs on the
receiver end. Either dc-coupled termination or ac-coupled termination can be used for LVDS outputs. It is
recommended to place termination resister close to the receiver. If the receiver is internally biased to a voltage
different than the output common mode voltage of the CDCLVD1216, ac-coupling should be used. If the LVDS
receiver has internal 100
Ω termination, external termination must be omitted.
Unused outputs can be left open without connecting any trace to the output pins.
Figure 13. LVDS Output DC Termination
Figure 14. LVDS Output AC Termination with Receiver Internally Biased
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): CDCLVD1216


Podobny numer części - CDCLVD1216RGZT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCLVD1212 TI1-CDCLVD1212 Datasheet
707Kb / 20P
[Old version datasheet]   2:12 Low Additive Jitter LVDS Buffer
CDCLVD1212RHAR TI1-CDCLVD1212RHAR Datasheet
707Kb / 20P
[Old version datasheet]   2:12 Low Additive Jitter LVDS Buffer
CDCLVD1212RHAT TI1-CDCLVD1212RHAT Datasheet
707Kb / 20P
[Old version datasheet]   2:12 Low Additive Jitter LVDS Buffer
CDCLVD1213 TI1-CDCLVD1213 Datasheet
717Kb / 17P
[Old version datasheet]   1:4 Low Additive Jitter LVDS Buffer With Divider
CDCLVD1213RGTR TI1-CDCLVD1213RGTR Datasheet
717Kb / 17P
[Old version datasheet]   1:4 Low Additive Jitter LVDS Buffer With Divider
More results

Podobny opis - CDCLVD1216RGZT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CDCLVD1212 TI1-CDCLVD1212 Datasheet
707Kb / 20P
[Old version datasheet]   2:12 Low Additive Jitter LVDS Buffer
1633966 TI-1633966 Datasheet
756Kb / 20P
[Old version datasheet]   2:4 Low Additive Jitter LVDS Buffer
CDCLVD1208 TI1-CDCLVD1208 Datasheet
786Kb / 21P
[Old version datasheet]   2:8 Low Additive Jitter LVDS Buffer
CDCLVD1204 TI1-CDCLVD1204_15 Datasheet
918Kb / 20P
[Old version datasheet]   2:4 Low Additive Jitter LVDS Buffer
CDCLVD2102 TI1-CDCLVD2102 Datasheet
753Kb / 20P
[Old version datasheet]   Dual 1:2 Low Additive Jitter LVDS Buffer
LMK1D1212 TI-LMK1D1212 Datasheet
3Mb / 36P
[Old version datasheet]   LMK1D121x Low Additive Jitter LVDS Buffer
SNAS823 ??OCTOBER 2021
LMK1D2102 TI-LMK1D2102 Datasheet
2Mb / 33P
[Old version datasheet]   LMK1D210x Low Additive Jitter LVDS Buffer
SNAS822 ??SEPTEMBER 2021
LMK1D1204 TI-LMK1D1204 Datasheet
1Mb / 35P
[Old version datasheet]   LMK1D120x Low Additive Jitter LVDS Buffer
REVISED AUGUST 2021
LMK1D2106 TI-LMK1D2106 Datasheet
3Mb / 37P
[Old version datasheet]   LMK1D210x Low Additive Jitter LVDS Buffer
SNAS829 ??OCTOBER 2021
CDCLVD2106 TI1-CDCLVD2106_14 Datasheet
919Kb / 22P
[Old version datasheet]   Dual 1:6 Low Additive Jitter LVDS Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com