Zakładka z wyszukiwarką danych komponentów |
|
AD628 Arkusz danych(PDF) 11 Page - Aavid, Thermal Division of Boyd Corporation |
|
AD628 Arkusz danych(HTML) 11 Page - Aavid, Thermal Division of Boyd Corporation |
11 / 16 page AD8275 Rev. A | Page 11 of 16 THEORY OF OPERATION The AD8275 level translates ±10 V signals at its inputs to 4 V at its output. It does this by attenuating the input signal by 5. A subtractor network performs the attenuation, the level shifting, and the differential-to-single-ended conversion. One benefit of the subtractor topology is that it can accept input signals beyond its supply voltage. The subtractor is composed of tightly matched resistors. By integrating the resistors and trimming the resistor ratios, the AD8275 achieves 80 dB CMRR and 0.024% gain error. INPUT ESD REF2 +VS +VS +VS –VS –VS +VS –VS –VS +VS –VS –VS OUT SENSE 50k Ω 7k Ω 7k Ω 50k Ω 20k Ω 20k Ω 10k Ω 2.5V –IN +IN INPUT ESD +VS –VS REF1 +VS –VS Figure 31. AD8275 Simplified Schematic To achieve a wider input voltage range, the AD8275 uses an internal 2.5 V voltage bias tied to –VS and two 7 kΩ resistors, as shown in Figure 31. The resistors help to set the common mode of the internal amplifier. The benefit of this circuit is that it extends the input range without causing crossover distortion typical of amplifiers that have rail-to-rail complementary transistor inputs. The input range of the internal op amp is +VS − 0.9 V to −VS + 1.35 V. –10 –8 –6 600 400 200 0 –200 –400 –600 –4 –2 0 2 4 6 8 10 COMMON-MODE VOLTAGE (V) Figure 32. AD8275 Does Not Have Crossover Distortion Typical of Rail-to-Rail Input Amplifiers The AD8275 employs a balanced, high gain, linear output stage that adaptively generates current as required, eliminating the dynamic errors found in other amplifiers. This is useful when driving SAR ADCs, which can deliver kickback current into the output of the amplifier. The result is a design that achieves low distortion, consistent bandwidth, and high slew rate. BASIC CONNECTION The basic configurations for the AD8275 are shown in Figure 33 and Figure 34. In Figure 33, REF1 and REF2 are tied together. A voltage, VREF, applied to the tied REF1 and REF2 pins, sets the output voltage level to VREF. For example, in Figure 33, if VREF = 2 V and the inputs are tied to ground, the output remains at 2 V. AD8275 7 4 5 6 8 1 2 50k Ω 0.1µF 50k Ω 20k Ω 20k Ω 10k Ω 3 VINN +IN –IN VINP REF2 VREF VOUT REF1 –VS +VS +5V OUT SENSE VOUT = + VREF (VINP) – (VINN) 5 Figure 33. Basic Configuration 1: Shared Reference In contrast, Figure 34 shows REF1 tied to ground and REF2 tied to VREF. In this example, the two 20 kΩ resistors serve as a resistor divider, and VREF is divided by 2. For example, if both inputs of the AD8275 are grounded and VREF = 5 V, the output is 2.5 V. AD8275 7 4 5 6 8 1 2 50k Ω 0.1µF 50k Ω 20k Ω 20k Ω 10k Ω 3 VINN +IN –IN VINP REF2 VREF VOUT REF1 –VS +VS +5V OUT SENSE VOUT = + (VINP) – (VINN) 5 VREF + 0V 2 Figure 34. Basic Configuration 2: Split Reference |
Podobny numer części - AD628 |
|
Podobny opis - AD628 |