Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8203 Arkusz danych(PDF) 7 Page - Aavid, Thermal Division of Boyd Corporation

Numer części AD8203
Szczegółowy opis  G = 0.2, Level Translation, 16-Bit ADC Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AAVID [Aavid, Thermal Division of Boyd Corporation]
Strona internetowa  https://www.boydcorp.com/aavid.html
Logo AAVID - Aavid, Thermal Division of Boyd Corporation

AD8203 Arkusz danych(HTML) 7 Page - Aavid, Thermal Division of Boyd Corporation

Back Button AD8203 Datasheet HTML 3Page - Aavid, Thermal Division of Boyd Corporation AD8203 Datasheet HTML 4Page - Aavid, Thermal Division of Boyd Corporation AD8203 Datasheet HTML 5Page - Aavid, Thermal Division of Boyd Corporation AD8203 Datasheet HTML 6Page - Aavid, Thermal Division of Boyd Corporation AD8203 Datasheet HTML 7Page - Aavid, Thermal Division of Boyd Corporation AD8203 Datasheet HTML 8Page - Aavid, Thermal Division of Boyd Corporation AD8203 Datasheet HTML 9Page - Aavid, Thermal Division of Boyd Corporation AD8203 Datasheet HTML 10Page - Aavid, Thermal Division of Boyd Corporation AD8203 Datasheet HTML 11Page - Aavid, Thermal Division of Boyd Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD8275
Rev. A | Page 7 of 16
OUTPUT VOLTAGE (V)
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
35
30
25
20
15
10
5
0
–5
–10
–15
–20
–25
Figure 11. Input Common-Mode Voltage vs. Output Voltage, No Load
0
–5
–10
–15
–20
–25
–30
–35
–40
1k
100
10k
100k
1M
100M
10M
FREQUENCY (Hz)
Figure 12. Gain vs. Frequency
40
50
60
80
70
90
100
100
1k
10k
100k
10M
1M
FREQUENCY (Hz)
Figure 13. Common-Mode Rejection vs. Frequency, Referred to Input
FREQUENCY (Hz)
–20
0
20
40
60
80
100
120
100
1M
100k
10k
1k
Figure 14. Power Supply Rejection vs. Frequency, Referred to Output
6
5
4
3
2
1
0
1k
100
10k
100k
1M
10M
FREQUENCY (Hz)
Figure 15. Maximum Output Voltage vs. Frequency
20
15
10
5
–5
–15
0
–10
–20
0
1
2
3
4
OUTPUT VOLTAGE (V)
Figure 16. Gain Nonlinearity, RL = 600 Ω, 2 kΩ, 10 kΩ


Podobny numer części - AD8203

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8203 AD-AD8203 Datasheet
313Kb / 20P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. B
AD8203 AD-AD8203 Datasheet
152Kb / 4P
   Precision, Dual-Channel Difference Amplifier
Rev. PrA
AD8203 AD-AD8203 Datasheet
144Kb / 4P
   Dual-Channel Audio Difference Amplifier
Rev. PrA
logo
Aavid, Thermal Division...
AD8203 AAVID-AD8203 Datasheet
375Kb / 16P
   Very Low Distortion, Precision Difference Amplifier
logo
Analog Devices
AD8203 AD-AD8203 Datasheet
513Kb / 24P
   Low Power, Wide Supply Range, Low Cost Difference Amplifiers,
REV. C
More results

Podobny opis - AD8203

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8275 AD-AD8275 Datasheet
570Kb / 16P
   G = 0.2, Level Translation, 16-Bit ADC Driver
REV. 0
AD8275 AD-AD8275_16 Datasheet
464Kb / 17P
   G = 0.2, Level Translation, 16-Bit ADC Driver
logo
Texas Instruments
INA159 TI1-INA159_12 Datasheet
605Kb / 17P
[Old version datasheet]   Precision, Gain of 0.2 Level Translation
INA159 TI1-INA159_13 Datasheet
640Kb / 18P
[Old version datasheet]   Precision, Gain of 0.2 Level Translation DIFFERENCE AMPLIFIER
INA159-EP TI1-INA159-EP_16 Datasheet
933Kb / 20P
[Old version datasheet]   PRECISION, GAIN OF 0.2 LEVEL TRANSLATION DIFFERENCE AMPLIFIER
INA159-EP TI-INA159-EP Datasheet
529Kb / 18P
[Old version datasheet]   PRECISION, GAIN OF 0.2 LEVEL TRANSLATION DIFFERENCE AMPLIFIER
INA159 TI-INA159 Datasheet
246Kb / 14P
[Old version datasheet]   Precision, Gain of 0.2 Level Translation DIFFERENCE AMPLIFIER
logo
Linear Technology
LTC2208 LINER-LTC2208 Datasheet
1Mb / 32P
   16-Bit, 130Msps ADC
LTC2201 LINER-LTC2201_15 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LTC2209 LINER-LTC2209 Datasheet
1Mb / 32P
   16-Bit, 160Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com