Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74FCT163H374CPVCT Arkusz danych(PDF) 2 Page - Texas Instruments

Numer części 74FCT163H374CPVCT
Szczegółowy opis  16-Bit Registers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

74FCT163H374CPVCT Arkusz danych(HTML) 2 Page - Texas Instruments

  74FCT163H374CPVCT Datasheet HTML 1Page - Texas Instruments 74FCT163H374CPVCT Datasheet HTML 2Page - Texas Instruments 74FCT163H374CPVCT Datasheet HTML 3Page - Texas Instruments 74FCT163H374CPVCT Datasheet HTML 4Page - Texas Instruments 74FCT163H374CPVCT Datasheet HTML 5Page - Texas Instruments 74FCT163H374CPVCT Datasheet HTML 6Page - Texas Instruments 74FCT163H374CPVCT Datasheet HTML 7Page - Texas Instruments 74FCT163H374CPVCT Datasheet HTML 8Page - Texas Instruments 74FCT163H374CPVCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CY74FCT163374
CY74FCT163H374
2
Maximum Ratings[3, 4]
(Above which the useful life may be impaired. For user
guidelines, not tested.)
Storage Temperature
.....................................−55°C to +125°C
Ambient Temperature with
Power Applied
..................................................−55°C to +125°C
Supply Voltage Range ..................................... 0.5V to +4.6V
DC Input Voltage
.................................................−0.5V to +7.0V
DC Output Voltage
..............................................−0.5V to +7.0V
DC Output Current
(Maximum Sink Current/Pin)
...........................−60 to +120 mA
Power Dissipation .......................................................... 1.0W
Function Table[1]
Inputs
Outputs
Function
D
CLK
OE
O
X
L
H
Z
High-Z
X
H
H
Z
L
L
L
Load
Register
H
L
H
L
H
Z
H
H
Z
Pin Description
Name
Description
D
Data Inputs[2]
CLK
Clock Inputs
OE
Three-State Output Enable Inputs (Active LOW)
O
Three-State Outputs
Operating Range
Range
Ambient
Temperature
VCC
Industrial
−40°C to +85°C
2.7V to 3.6V
Electrical Characteristics for Non Bus Hold Devices Over the Operating Range VCC=2.7V to 3.6V
Parameter
Description
Test Conditions
Min.
Typ.[5]
Max.
Unit
VIH
Input HIGH Voltage
All Inputs
2.0
5.5
V
VIL
Input LOW Voltage
0.8
V
VH
Input Hysteresis[6]
100
mV
VIK
Input Clamp Diode Voltage
VCC=Min., IIN=–18 mA
–0.7
–1.2
V
IIH
Input HIGH Current
VCC=Max., VI=5.5
±1
µA
IIL
Input LOW Current
VCC=Max., VI=GND
±1
µA
IOZH
High Impedance Output Current
(Three-State Output pins)
VCC=Max., VOUT=5.5V
±1
µA
IOZL
High Impedance Output Current
(Three-State Output pins)
VCC=Max., VOUT=GND
±1
µA
IOS
Short Circuit Current[7]
VCC=Max., VOUT=GND
–60
–135
–240
mA
IOFF
Power-Off Disable
VCC=0V, VOUT≤4.5V
±100
µA
ICC
Quiescent Power Supply Current
VIN≤0.2V,
VIN>VCC–0.2V
VCC=Max.
0.1
10
µA
∆I
CC
Quiescent Power Supply Current
(TTL inputs HIGH)
VIN=VCC–0.6V
[8]
VCC=Max.
2.0
30
µA
Notes:
1.
H = HIGH Voltage Level. L = LOW Voltage Level. X = Don’t Care. Z = HIGH Impedance.
= LOW-to-HIGH Transition.
2.
On the CY74FCT163H374, these pins have “bus hold.”
3.
Operation beyond the limits set forth may impair the useful life of the device. Unless otherwise noted, these limits are over the operating free-air temperature
range.
4.
Unused inputs must always be connected to an appropriate logic voltage level, preferably either VCC or ground
5.
Typical values are at VCC=3.3V, TA = +25˚C ambient.
6.
This parameter is specified but not tested.
7.
Not more than one output should be shorted at a time. Duration of short should not exceed one second. The use of high-speed test apparatus and/or sample
and hold techniques are preferable in order to minimize internal chip heating and more accurately reflect operational values. Otherwise prolonged shorting of
a high output may raise the chip temperature well above normal and thereby cause invalid readings in other parametric tests. In any sequence of parameter
tests, IOS tests should be performed last.
8.
Per TTL driven input; all other inputs at VCC or GND.


Podobny numer części - 74FCT163H374CPVCT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74FCT163H244CPACT TI-74FCT163H244CPACT Datasheet
63Kb / 7P
[Old version datasheet]   16-Bit Buffers/Line Drivers
74FCT163H244CPACT TI1-74FCT163H244CPACT Datasheet
132Kb / 10P
[Old version datasheet]   16-Bit Buffers/Line Drivers
74FCT163H244CPVCT TI-74FCT163H244CPVCT Datasheet
63Kb / 7P
[Old version datasheet]   16-Bit Buffers/Line Drivers
74FCT163H244CPVCT TI1-74FCT163H244CPVCT Datasheet
132Kb / 10P
[Old version datasheet]   16-Bit Buffers/Line Drivers
74FCT163H245APVCT TI-74FCT163H245APVCT Datasheet
67Kb / 7P
[Old version datasheet]   16-Bit Transceivers
More results

Podobny opis - 74FCT163H374CPVCT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CY74FCT162374T TI1-CY74FCT162374T Datasheet
681Kb / 21P
[Old version datasheet]   16-Bit Registers
CY74FCT16374T TI-CY74FCT16374T Datasheet
61Kb / 7P
[Old version datasheet]   16-Bit Registers
SN54LS673 TI-SN54LS673_07 Datasheet
626Kb / 23P
[Old version datasheet]   16-BIT SHIFT REGISTERS
SN54LS673 TI-SN54LS673 Datasheet
526Kb / 16P
[Old version datasheet]   16-BIT SHIFT REGISTERS
logo
Integrated Device Techn...
IDT74FCT163652 IDT-IDT74FCT163652 Datasheet
166Kb / 9P
   3.3V CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
IDT74FCT16652T IDT-IDT74FCT16652T Datasheet
180Kb / 9P
   FAST CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
IDT74FCT163646 IDT-IDT74FCT163646 Datasheet
154Kb / 9P
   3.3V CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
logo
Pericom Semiconductor C...
PI74FCT162374T PERICOM-PI74FCT162374T Datasheet
90Kb / 7P
   Fast CMOS 16-Bit Registers (3-State)
logo
Texas Instruments
CY5474FCT374T TI-CY5474FCT374T Datasheet
98Kb / 9P
[Old version datasheet]   8-Bit Registers
CY74FCT16823T TI1-CY74FCT16823T_15 Datasheet
993Kb / 16P
[Old version datasheet]   18-Bit Registers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com