Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC1282IPWR Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części DAC1282IPWR
Szczegółowy opis  LOW DISTORTION DIGITAL-TO-ANALOG CONVERTER FOR SEISMIC
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

DAC1282IPWR Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button DAC1282IPWR Datasheet HTML 2Page - Texas Instruments DAC1282IPWR Datasheet HTML 3Page - Texas Instruments DAC1282IPWR Datasheet HTML 4Page - Texas Instruments DAC1282IPWR Datasheet HTML 5Page - Texas Instruments DAC1282IPWR Datasheet HTML 6Page - Texas Instruments DAC1282IPWR Datasheet HTML 7Page - Texas Instruments DAC1282IPWR Datasheet HTML 8Page - Texas Instruments DAC1282IPWR Datasheet HTML 9Page - Texas Instruments DAC1282IPWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
CS
SCLK
DIN
DOUT
DVDD
DGND
CLK
SW/TD
SYNC
RESET/PWDN
DGND
VREF
AVDD
AVSS
CAPP
VOUTP
SWINP
SWOUTP
SWOUTN
SWINN
VOUTN
CAPN
AVSS
AVDD
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
DAC1282
SBAS490
– DECEMBER 2011
www.ti.com
PIN CONFIGURATION
PW PACKAGE
TSSOP-24
(TOP VIEW)
DAC1282 Terminal Functions
PIN NAME
PIN #
FUNCTION
DESCRIPTION
AVDD
13, 24
Analog supply
Analog positive power supply
AVSS
14
Analog supply
Analog negative power supply, reference ground
AVSS
23
Analog supply
Analog negative power supply
CAPN
15
Analog
External capacitor connected to VOUTN
CAPP
22
Analog
External capacitor connected to VOUTP
CS
1
Digital input
Serial port chip select
CLK
7
Digital input
Master clock 4.096 MHz
DGND
6
Ground
Key digital ground
DGND
11
Ground
Digital ground
DIN
3
Digital input
Serial port data input
DOUT
4
Digital output
Serial port data output
DVDD
5
Digital supply
Digital power supply: 1.65 V to 3.6 V
RESET/PWDN
10
Digital input
Reset/power-down input
SCLK
2
Digital input
Serial port shift clock
SW/TD
8
Digital input
Switch control input or bitstream input
SWINN
17
Analog I/O
Switch negative input
SWINP
20
Analog I/O
Switch positive input
SWOUTN
18
Analog I/O
Switch negative output
SWOUTP
19
Analog I/O
Switch positive output
SYNC
9
Digital input
Synchronize input
VOUTN
16
Analog output
Negative voltage output
VOUTP
21
Analog output
Positive voltage output
VREF
12
Analog input
Reference voltage input
6
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): DAC1282


Podobny numer części - DAC1282IPWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC1282IPWR TI1-DAC1282IPWR Datasheet
1Mb / 46P
[Old version datasheet]   Low Distortion Digital-to-Analog Converter for Seismic
More results

Podobny opis - DAC1282IPWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC1282 TI1-DAC1282_15 Datasheet
1Mb / 46P
[Old version datasheet]   Low Distortion Digital-to-Analog Converter for Seismic
DAC1280 TI1-DAC1280_15 Datasheet
773Kb / 24P
[Old version datasheet]   Low Distortion Digital-to-Analog Converter for Seismic Monitoring
DAC1280 TI-DAC1280 Datasheet
618Kb / 24P
[Old version datasheet]   Very Low Distortion Digital-to-Analog Converter for Seismic Applications
logo
California Eastern Labs
UPC3220GR CEL-UPC3220GR Datasheet
1Mb / 33P
   LOW DISTORTION DOWN-CONVERTER IC FOR DIGITAL CATV
logo
Frequency Devices, Inc.
VM8DAC FREQUENCYDEVICES-VM8DAC Datasheet
117Kb / 2P
   Low Noise Digital to Analog Converter
logo
Analog Devices
ADC1121 AD-ADC1121 Datasheet
2Mb / 6P
   Low Power Analog to Digital Converter
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com