Zakładka z wyszukiwarką danych komponentów |
|
74FCT16374ATPACTG4 Arkusz danych(PDF) 3 Page - Texas Instruments |
|
74FCT16374ATPACTG4 Arkusz danych(HTML) 3 Page - Texas Instruments |
3 / 21 page CY74FCT16374T CY74FCT162374T 3 Output Drive Characteristics for CY74FCT162374T Parameter Description Test Conditions Min. Typ.[4] Max. Unit IODL Output LOW Current[6] VCC=5V, VIN=VIH or VIL, VOUT=1.5V 60 115 150 mA IODH Output HIGH Current[6] VCC=5V, VIN=VIH or VIL, VOUT=1.5V −60 −115 −150 mA VOH Output HIGH Voltage VCC=Min., IOH=−24 mA 2.4 3.3 V VOL Output LOW Voltage VCC=Min., IOL=24 mA 0.3 0.55 V Capacitance[5] (TA = +25˚C, f = 1.0 MHz) Parameter Description Test Conditions Typ.[4] Max. Unit CIN Input Capacitance VIN = 0V 4.5 6.0 pF COUT Output Capacitance VOUT = 0V 5.5 8.0 pF Power Supply Characteristics Parameter Description Test Conditions Typ.[4] Max. Unit ICC Quiescent Power Supply Current VCC=Max. VIN≤0.2V, VIN≥VCC−0.2V 5 500 µA ∆I CC Quiescent Power Supply Current (TTL inputs HIGH) VCC=Max. VIN=3.4V [8] 0.5 1.5 mA ICCD Dynamic Power Supply Current[9] VCC=Max., One Input Toggling, 50% Duty Cycle, Outputs Open, OE=GND VIN=VCC or VIN=GND 60 100 µA/ MHz IC Total Power Supply Current[10] VCC=Max., f0=10 MHz, f1=5 MHz, 50% Duty Cycle, Outputs Open, One Bit Toggling, OE=GND VIN=VCC or VIN=GND 0.6 1.5 mA VIN=3.4V or VIN=GND 1.1 3.0 mA VCC=Max., f0=10 MHz, f1=2.5 MHz, 50% Duty Cycle, Outputs Open, Sixteen Bits Toggling, OE=GND VIN=VCC or VIN=GND 3.0 5.5[11] mA VIN=3.4V or VIN=GND 7.5 19.0[11] mA Note: 8. Per TTL driven input (VIN=3.4V); all other inputs at VCC or GND. 9. This parameter is not directly testable, but is derived for use in Total Power Supply calculations. 10. IC =IQUIESCENT + IINPUTS + IDYNAMIC IC =ICC+∆ICCDHNT+ICCD(f0/2 + f1N1) ICC = Quiescent Current with CMOS input levels ∆I CC = Power Supply Current for a TTL HIGH input (VIN=3.4V) DH = Duty Cycle for TTL inputs HIGH NT = Number of TTL inputs at DH ICCD = Dynamic Current caused by an input transition pair (HLH or LHL) f0 = Clock frequency for registered devices, otherwise zero f1 = Input signal frequency N1 = Number of inputs changing at f1 All currents are in milliamps and all frequencies are in megahertz. 11. Values for these conditions are examples of the ICC formula. These limits are specified but not tested. |
Podobny numer części - 74FCT16374ATPACTG4 |
|
Podobny opis - 74FCT16374ATPACTG4 |