Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF198JAN Arkusz danych(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Numer części LF198JAN
Szczegółowy opis  LF198JAN Monolithic Sample-and-Hold Circuits
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LF198JAN Arkusz danych(HTML) 2 Page - Texas Instruments

  LF198JAN Datasheet HTML 1Page - Texas Instruments LF198JAN Datasheet HTML 2Page - Texas Instruments LF198JAN Datasheet HTML 3Page - Texas Instruments LF198JAN Datasheet HTML 4Page - Texas Instruments LF198JAN Datasheet HTML 5Page - Texas Instruments LF198JAN Datasheet HTML 6Page - Texas Instruments LF198JAN Datasheet HTML 7Page - Texas Instruments LF198JAN Datasheet HTML 8Page - Texas Instruments LF198JAN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
LF198JAN
Monolithic Sample-and-Hold Circuits
General Description
The LF198 is a monolithic sample-and-hold circuit which
utilizes BI-FET technology to obtain ultra-high dc accuracy
with fast acquisition of signal and low droop rate. Operating
as a unity gain follower, dc gain accuracy is 0.002% typical
and acquisition time is as low as 6 µs to 0.01%. A bipolar
input stage is used to achieve low offset voltage and wide
bandwidth. Input offset adjust is accomplished with a single
pin, and does not degrade input offset drift. The wide band-
width allows the LF198 to be included inside the feedback
loop of 1 MHz op amps without having stability problems.
Input impedance of 10
10
Ω allows high source impedances to
be used without degrading accuracy.
P-channel junction FET’s are combined with bipolar devices
in the output amplifier to give droop rates as low as 5 mV/min
witha1µF hold capacitor. The JFET’s have much lower
noise than MOS devices used in previous designs and do
not exhibit high temperature instabilities. The overall design
guarantees no feed-through from input to output in the hold
mode, even for input signals equal to the supply voltages.
Features
n
Operates from ±5V to ±18V supplies
n
Less than 10 µs acquisition time
n
TTL, PMOS, CMOS compatible logic input
n
0.5 mV typical hold step at C
h = 0.01 µF
n
Low input offset
n
0.002% gain accuracy
n
Low output noise in hold mode
n
Input characteristics do not change during hold mode
n
High supply rejection ratio in sample or hold
n
Wide bandwidth
n
Space Qualified
Logic inputs on the LF198 are fully differential with low input
current, allowing direct connection to TTL, PMOS, and
CMOS. Differential threshold is 1.4V. The LF198 will operate
from ±5V to ±18V supplies.
Ordering Information
NSC Part Number
JAN Part Number
NSC Package Number
Package Description
JL198BGA
JM38510/12501BGA
H08C
8LD Metal Can
JL198SGA
JM38510/12501SGA
H08C
8LD Metal Can
Connection Diagrams
Metal Can Package
20128114
See NS Package Number H08C
February 2005
© 2005 National Semiconductor Corporation
DS201281
www.national.com


Podobny numer części - LF198JAN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LF198JAN TI-LF198JAN Datasheet
988Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
LF198JAN TI1-LF198JAN Datasheet
1,015Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
LF198JAN-SP TI1-LF198JAN-SP Datasheet
1,015Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
LF198JAN TI1-LF198JAN_13 Datasheet
1,015Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
More results

Podobny opis - LF198JAN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
M38510 TI-M38510 Datasheet
988Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
LF198JAN TI1-LF198JAN_13 Datasheet
1,015Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
JM38510-12501BGA TI-JM38510-12501BGA Datasheet
1,015Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
logo
List of Unclassifed Man...
LF398N ETC-LF398N Datasheet
257Kb / 7P
   MONOLITHIC SAMPLE AND HOLD CIRCUITS
logo
Texas Instruments
LF198QML TI1-LF198QML_14 Datasheet
1Mb / 22P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
LF198-N TI1-LF198-N_16 Datasheet
2Mb / 33P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
LF298-MIL TI1-LF298-MIL Datasheet
2Mb / 28P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
logo
National Semiconductor ...
LF198 NSC-LF198 Datasheet
520Kb / 13P
   Monolithic Sample-and-Hold Circuits
logo
Texas Instruments
LF298MX TI1-LF298MX Datasheet
564Kb / 15P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
logo
JSC ALFA.
1100CK2 ALFA-1100CK2 Datasheet
368Kb / 4P
   Monolithic Sample-and-Hold Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com