Zakładka z wyszukiwarką danych komponentów |
|
M-CM100F Arkusz danych(PDF) 9 Page - Cooper Bussmann, Inc. |
|
M-CM100F Arkusz danych(HTML) 9 Page - Cooper Bussmann, Inc. |
9 / 55 page Low Voltage Fuse Links Catalogue For Product Data Sheets, visit www.cooperbussmann.com Offset Blade Tags 240 - 550V / 2 - 63A Specifications Description: Fuse Links for general industrial applications with Q1 fusing factor - general purpose (gG) and motor protection (gM) characteristics. Ratings: Applications: General Industrial and Motors applications Agency Information: Meets BS88: Part 6, 1988 and IEC 269: Parts 1, 1986 RoHS Compliant Dimensions Catalogue Numbers Industrial & Motor Applications to BS88 Part No Dimensions (mm) A B D E F N SSD 23.0 12.0 47.0 13.0 0.8 3.2 NSD & NSD20M 34.5 13.8 58.5 12.7 0.8 3.5 NSD20M36 & NSD32M 17.5 ESD - 32A 35.5 13.8 68.0 15.0 1.2 3.5 ESD40 - 63A 17.5 ESD63M 21.0 Rating (A) Catalogue Number Class BS Reference Fuseholder Unit Packing 2 SSD2 gG E1 N/A 20 4 SSD4 6 SSD6 10 SSD10 16 SSD16 20 SSD20 32 SSD32 Rating (A) Catalogue Number Class BS Reference Fuseholder Unit Packing 2 NSD2 gR F1 SAFELOC 32NNSF 20 4 NSD4 6 NSD6 10 NSD10 16 NSD16 20 NSD20 32 NSD32 20M25 NSD20M25 gM 20M32 NSD20M32 20M36 NSD20M36 32M36 NSD32M36 32M40 NSD32M40 32M50 NSD32M50 32M63 NSD32M63 Rating (A) Catalogue Number Class BS Reference Fuse Holder Unit Packing 2 ESD2 gG F2 SAFELOC 63ENSF 20 4 ESD4 6 ESD6 10 ESD10 16 ESD16 20 ESD20 32 ESD32 40 ESD40 50 ESD50 63 ESD63 63M80 ESD63M80 gM 63M100 ESD63M100 Volts: - 240V ac (SSD) - 415V ac (NSD gM) / ESD gG (40 - 63A) - 550V ac (NSD gG) / ESD gG (2 - 32A) Amps: - 2 - 63A IR - 33kA @ 240V ac - 80kA @ 500V ac Data Sheet SSD: 4105 Data Sheet NSD: 4100 10 |
Podobny numer części - M-CM100F |
|
Podobny opis - M-CM100F |