Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM158AH Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części LM158AH
Szczegółowy opis  LM158/LM258/LM358/LM2904 Low Power Dual Operational Amplifiers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM158AH Arkusz danych(HTML) 3 Page - Texas Instruments

  LM158AH Datasheet HTML 1Page - Texas Instruments LM158AH Datasheet HTML 2Page - Texas Instruments LM158AH Datasheet HTML 3Page - Texas Instruments LM158AH Datasheet HTML 4Page - Texas Instruments LM158AH Datasheet HTML 5Page - Texas Instruments LM158AH Datasheet HTML 6Page - Texas Instruments LM158AH Datasheet HTML 7Page - Texas Instruments LM158AH Datasheet HTML 8Page - Texas Instruments LM158AH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Absolute Maximum Ratings (Note 9)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
LM158/LM258/LM358
LM2904
LM158A/LM258A/LM358A
Supply Voltage, V
+
32V
26V
Differential Input Voltage
32V
26V
Input Voltage
−0.3V to +32V
−0.3V to +26V
Power Dissipation (Note 1)
Molded DIP
830 mW
830 mW
Metal Can
550 mW
Small Outline Package (M)
530 mW
530 mW
micro SMD
435mW
Output Short-Circuit to GND
(One Amplifier) (Note 2)
V
+
≤ 15V and T
A = 25˚C
Continuous
Continuous
Input Current (V
IN < −0.3V) (Note 3)
50 mA
50 mA
Operating Temperature Range
LM358
0˚C to +70˚C
−40˚C to +85˚C
LM258
−25˚C to +85˚C
LM158
−55˚C to +125˚C
Storage Temperature Range
−65˚C to +150˚C
−65˚C to +150˚C
Lead Temperature, DIP
(Soldering, 10 seconds)
260˚C
260˚C
Lead Temperature, Metal Can
(Soldering, 10 seconds)
300˚C
300˚C
Soldering Information
Dual-In-Line Package
Soldering (10 seconds)
260˚C
260˚C
Small Outline Package
Vapor Phase (60 seconds)
215˚C
215˚C
Infrared (15 seconds)
220˚C
220˚C
See AN-450 “Surface Mounting Methods and Their Effect on Product Reliability” for other methods of soldering
surface mount devices.
ESD Tolerance (Note 10)
250V
250V
Electrical Characteristics
V
+ = +5.0V, unless otherwise stated
Parameter
Conditions
LM158A
LM358A
LM158/LM258
Units
Min Typ
Max
Min Typ
Max
Min Typ
Max
Input Offset Voltage
(Note 5), T
A = 25˚C
1
2
2
3
2
5
mV
Input Bias Current
I
IN(+) or IIN(−),TA = 25˚C,
20
50
45
100
45
150
nA
V
CM = 0V, (Note 6)
Input Offset Current
I
IN(+) −IIN(−),VCM = 0V, TA = 25˚C
2
10
5
30
3
30
nA
Input Common-Mode
V
+ = 30V, (Note 7)
0
V
+−1.5
0
V
+−1.5
0
V
+−1.5
V
Voltage Range
(LM2904, V
+ = 26V), T
A = 25˚C
Supply Current
Over Full Temperature Range
R
L = on All Op Amps
V
+ = 30V (LM2904 V+ = 26V)
1
2
1
2
1
2
mA
V
+ = 5V
0.5
1.2
0.5
1.2
0.5
1.2
mA
www.national.com
2


Podobny numer części - LM158AH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM158AH NSC-LM158AH Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
Texas Instruments
LM158AH TI-LM158AH Datasheet
1Mb / 33P
[Old version datasheet]   LM158/LM258/LM358/LM2904 Low Power Dual Operational Amplifiers
LM158AH TI1-LM158AH Datasheet
1,012Kb / 30P
[Old version datasheet]   Low Power Dual Operational Amplifiers
LM158AH TI1-LM158AH Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power, Dual-Operational Amplifiers
LM158AH-SMD TI1-LM158AH-SMD Datasheet
968Kb / 30P
[Old version datasheet]   LM158QML Low Power Dual Operational Amplifiers
More results

Podobny opis - LM158AH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM358M TI-LM358M Datasheet
1Mb / 33P
[Old version datasheet]   LM158/LM258/LM358/LM2904 Low Power Dual Operational Amplifiers
LM358H TI-LM358H Datasheet
1Mb / 33P
[Old version datasheet]   LM158/LM258/LM358/LM2904 Low Power Dual Operational Amplifiers
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
   Low power dual operational amplifiers
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
   Low power dual operational amplifiers
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com