Zakładka z wyszukiwarką danych komponentów |
|
LM239AMPWREP Arkusz danych(PDF) 3 Page - Texas Instruments |
|
|
LM239AMPWREP Arkusz danych(HTML) 3 Page - Texas Instruments |
3 / 14 page LM239A-EP www.ti.com SCLS496C – MAY 2003 – REVISED JULY 2010 ABSOLUTE MAXIMUM RATINGS (1) over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC Supply voltage(2) 36 V VID Differential input voltage(3) ±36 V VI Input voltage range (either input) –0.3 36 V VO Output voltage 36 V IO Output current 20 mA Duration of output short circuit to ground(4) Unlimited qJA Package thermal impedance, junction to free air(5) (6) 86 °C/W TJ Operating virtual-junction temperature 136 °C Lead temperature 1,6 mm (1/16 in) from case for 10 s 260 °C Tstg Storage temperature range(7) –65 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltage values, except differential voltages, are with respect to network ground. (3) Differential voltages are at IN+ with respect to IN–. (4) Short circuits from outputs to VCC can cause excessive heating and eventual destruction. (5) Maximum power dissipation is a function of TJ (max), qJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature is PD = (TJ (max) – TA)/qJA. Operating at the absolute maximum TJ of 150°C can affect reliability. (6) The package thermal impedance is calculated in accordance with JESD 51-7. (7) Long term high-temperature storage and/or extended use at maximum recommended operating conditions may result in a reduction of overall device life. See http://www.ti.com/ep_quality for additional information on enhanced plastic packaging. Copyright © 2003–2010, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Link(s): LM239A-EP |
Podobny numer części - LM239AMPWREP |
|
Podobny opis - LM239AMPWREP |