Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM340T-12 Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części LM340T-12
Szczegółowy opis  LM340/LM78XX Series 3-Terminal Positive Regulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM340T-12 Arkusz danych(HTML) 4 Page - Texas Instruments

  LM340T-12 Datasheet HTML 1Page - Texas Instruments LM340T-12 Datasheet HTML 2Page - Texas Instruments LM340T-12 Datasheet HTML 3Page - Texas Instruments LM340T-12 Datasheet HTML 4Page - Texas Instruments LM340T-12 Datasheet HTML 5Page - Texas Instruments LM340T-12 Datasheet HTML 6Page - Texas Instruments LM340T-12 Datasheet HTML 7Page - Texas Instruments LM340T-12 Datasheet HTML 8Page - Texas Instruments LM340T-12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
(Note 5)
DC Input Voltage
35V
Internal Power Dissipation (Note 2)
Internally Limited
Maximum Junction Temperature
150˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature (Soldering, 10 sec.)
TO-3 Package (K)
300˚C
TO-220 Package (T), TO-263
Package (S)
230˚C
ESD Susceptibility (Note 3)
2 kV
Operating Conditions (Note 1)
Temperature Range (T
A) (Note 2)
LM140
−55˚C to +125˚C
LM340A, LM340
0˚C to +125˚C
LM7808C
0˚C to +125˚C
LM340A Electrical Characteristics
I
OUT = 1A, 0˚C
≤ T
J
≤ + 125˚C (LM340A) unless otherwise specified (Note 4)
Output Voltage
5V
12V
15V
Symbol
Input Voltage (unless otherwise noted)
10V
19V
23V
Units
Parameter
Conditions
Min
Typ Max
Min
Typ Max
Min
Typ Max
V
O
Output Voltage
T
J = 25˚C
4.9
5
5.1
11.75
12 12.25
14.7
15
15.3
V
P
D
≤ 15W, 5 mA ≤ I
O
≤ 1A
4.8
5.2
11.5
12.5
14.4
15.6
V
V
MIN
≤ V
IN
≤ V
MAX
(7.5
≤ V
IN
≤ 20) (14.8 ≤ V
IN
≤ 27) (17.9 ≤ V
IN
≤ 30)
V
∆V
O
Line Regulation
I
O = 500 mA
10
18
22
mV
∆V
IN
(7.5
≤ V
IN
≤ 20) (14.8 ≤ V
IN
≤ 27) (17.9 ≤ V
IN
≤ 30)
V
T
J = 25˚C
3
10
4
18
4
22
mV
∆V
IN
(7.5
≤ V
IN
≤ 20) (14.5 ≤ V
IN
≤ 27) (17.5 ≤ V
IN
≤ 30)
V
T
J = 25˚C
4
9
10
mV
Over Temperature
12
30
30
mV
∆V
IN
(8
≤ V
IN
≤ 12)
(16
≤ V
IN
≤ 22)
(20
≤ V
IN
≤ 26)
V
∆V
O
Load Regulation
T
J = 25˚C
5 mA
≤ I
O
≤ 1.5A
10
25
12
32
12
35
mV
250 mA
≤ I
O
≤ 750
mA
15
19
21
mV
Over Temperature,
25
60
75
mV
5mA
≤ I
O
≤ 1A
I
Q
Quiescent
Current
T
J = 25˚C
6
6
6
mA
Over Temperature
6.5
6.5
6.5
mA
∆I
Q
Quiescent
Current
5mA
≤ I
O
≤ 1A
0.5
0.5
0.5
mA
Change
T
J = 25˚C, IO = 1A
0.8
0.8
0.8
mA
V
MIN
≤ V
IN
≤ V
MAX
(7.5
≤ V
IN
≤ 20) (14.8 ≤ V
IN
≤ 27) (17.9 ≤ V
IN
≤ 30)
V
I
O = 500 mA
0.8
0.8
0.8
mA
V
MIN
≤ V
IN
≤ V
MAX
(8
≤ V
IN
≤ 25)
(15
≤ V
IN
≤ 30)
(17.9
≤ V
IN
≤ 30)
V
V
N
Output Noise
Voltage
T
A = 25˚C, 10 Hz
≤ f ≤ 100 kHz
40
75
90
µV
Ripple Rejection
T
J = 25˚C, f = 120 Hz, IO = 1A
68
8061
7260
70
dB
or f = 120 Hz, I
O = 500 mA,
68
61
60
dB
Over Temperature,
V
MIN
≤ V
IN
≤ V
MAX
(8
≤ V
IN
≤ 18)
(15
≤ V
IN
≤ 25)
(18.5
≤ V
IN
28.5)
V
R
O
Dropout Voltage
T
J = 25˚C, IO = 1A
2.0
2.0
2.0
V
Output
Resistance
f=1kHz
8
18
19
m
Short-Circuit
Current
T
J = 25˚C
2.1
1.5
1.2
A
www.national.com
3


Podobny numer części - LM340T-12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
LM340T-12 MOTOROLA-LM340T-12 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
LM340T-12 MOTOROLA-LM340T-12 Datasheet
278Kb / 16P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
LM340T-12 ONSEMI-LM340T-12 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
1996 Rev 1
logo
National Semiconductor ...
LM340T-12 NSC-LM340T-12 Datasheet
512Kb / 15P
   Series 3-Terminal Positive Regulators
LM340T-12 NSC-LM340T-12 Datasheet
920Kb / 17P
   3-Terminal Positive Regulators
More results

Podobny opis - LM340T-12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM340T-5.0 TI-LM340T-5.0 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM140K-15 TI1-LM140K-15 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340T-12 TI-LM340T-12 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340T-5 TI1-LM340T-5 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
DECEMBER 2013
LM340S-12 TI-LM340S-12 Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM7812CT TI1-LM7812CT Datasheet
2Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
LM340K-5-0 TI1-LM340K-5-0 Datasheet
3Mb / 28P
[Old version datasheet]   LM340-N/LM78XX Series 3-Terminal Positive Regulators
logo
National Semiconductor ...
LM7800C NSC-LM7800C Datasheet
512Kb / 15P
   Series 3-Terminal Positive Regulators
LM140L NSC-LM140L Datasheet
143Kb / 6P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG Datasheet
202Kb / 7P
   3-Terminal Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com