Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2900 Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części LM2900
Szczegółowy opis  Quad Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM2900 Arkusz danych(HTML) 3 Page - Texas Instruments

  LM2900 Datasheet HTML 1Page - Texas Instruments LM2900 Datasheet HTML 2Page - Texas Instruments LM2900 Datasheet HTML 3Page - Texas Instruments LM2900 Datasheet HTML 4Page - Texas Instruments LM2900 Datasheet HTML 5Page - Texas Instruments LM2900 Datasheet HTML 6Page - Texas Instruments LM2900 Datasheet HTML 7Page - Texas Instruments LM2900 Datasheet HTML 8Page - Texas Instruments LM2900 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
LM2900/LM3900
LM3301
Supply Voltage
32 V
DC
28 V
DC
±16 V
DC
±14 V
DC
Power Dissipation (T
A = 25˚C) (Note 2)
Molded DIP
1080 mW
1080 mW
S.O. Package
765 mW
Input Currents, I
IN
+ or I
IN
20 mA
DC
20 mA
DC
Output Short-Circuit Duration — One Amplifier
Continuous
Continuous
T
A = 25˚C (See Application Hints)
Operating Temperature Range
−40˚C to +85˚C
LM2900
−40˚C to +85˚C
LM3900
0˚C to +70˚C
Storage Temperature Range
−65˚C to +150˚C
−65˚C to +150˚C
Lead Temperature (Soldering, 10 sec.)
260˚C
260˚C
Soldering Information
Dual-In-Line Package
Soldering (10 sec.)
260˚C
260˚C
Small Outline Package
Vapor Phase (60 sec.)
215˚C
215˚C
Infrared (15 sec.)
220˚C
220˚C
See AN-450 “Surface Mounting Methods and Their Effect on Product Reliability” for other methods of soldering surface mount
devices.
ESD tolerance (Note 8)
2000V
2000V
Electrical Characteristics
(Note 7) T
A = 25˚C, V
+ = 15 V
DC, unless otherwise stated
Parameter
Conditions
LM2900
LM3900
LM3301
Units
Min Typ
Max Min Typ
Max Min Typ
Max
Open
Voltage Gain
Over Temp.
V/mV
Loop
Voltage Gain
∆V
O = 10 VDC
1.2
2.8
1.2
2.8
1.2
2.8
Input Resistance
Inverting Input
1
1
1
M
Output
Resistance
889
k
Unity Gain Bandwidth
Inverting Input
2.5
2.5
2.5
MHz
Input Bias Current
Inverting Input, V
+ = 5V
DC
30
200
30
200
30
300
nA
Inverting Input
Slew Rate
Positive Output Swing
0.5
0.5
0.5
V/µs
Negative Output Swing
20
20
20
Supply Current
R
L = On All Amplifiers
6.2
10
6.2
10
6.2
10
mA
DC
Output
V
OUT High
R
L = 2k,
I
IN
= 0,
13.5
13.5
13.5
Voltage
V
+ = 15.0 V
DC
I
IN
+ = 0
Swing
V
OUT Low
I
IN
= 10 µA,
0.09
0.2
0.09
0.2
0.09
0.2
I
IN
+ = 0V
DC
V
OUT High
V
+ = Absolute
I
IN
= 0,
Maximum Ratings
I
IN
+ = 0
29.5
29.5
26.0
R
L = ,
Output
Source
6
18
6
10
5
18
Current
Sink
(Note 3)
0.5
1.3
0.5
1.3
0.5
1.3
mA
DC
Capability
I
SINK
V
OL = 1V, IIN
= 5 µA
555
Power Supply Rejection
T
A = 25˚C, f = 100 Hz
70
70
70
dB
PrintDate=1998/04/29 PrintTime=11:07:21 39954 ds007936 Rev. No. 3
cmserv
Proof
2
www.national.com
2


Podobny numer części - LM2900

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2900 NSC-LM2900 Datasheet
323Kb / 20P
   LM2900/LM3900/LM3301 Quad Amplifiers
logo
Motorola, Inc
LM2900 MOTOROLA-LM2900 Datasheet
548Kb / 10P
   QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LM2900 TI-LM2900 Datasheet
618Kb / 16P
[Old version datasheet]   QUADRUPLE NORTON OPERATIONAL AMPLIFIERS
LM2900 TI-LM2900 Datasheet
618Kb / 16P
[Old version datasheet]   QUADRUPLE NORTON OPERATIONAL AMPLIFIERS
LM2900D TI-LM2900D Datasheet
618Kb / 16P
[Old version datasheet]   QUADRUPLE NORTON OPERATIONAL AMPLIFIERS
More results

Podobny opis - LM2900

ProducentNumer częściArkusz danychSzczegółowy opis
logo
HTC Korea TAEJIN Techno...
LM324 HTC-LM324 Datasheet
104Kb / 4P
   QUAD OPERATIONAL AMPLIFIERS
logo
Estek Electronics Co. L...
ET-LM324 ESTEK-ET-LM324 Datasheet
287Kb / 6P
   Quad Operational Amplifiers
Version 0.2 27 July 2011
logo
GTM CORPORATION
GHLM324 GTM-GHLM324 Datasheet
421Kb / 4P
   QUAD OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LM324 UTC-LM324 Datasheet
111Kb / 6P
   QUAD OPERATIONAL AMPLIFIERS
2005
LM2058 UTC-LM2058 Datasheet
249Kb / 5P
   QUAD OPERATIONAL AMPLIFIERS
LM324_1111 UTC-LM324_1111 Datasheet
208Kb / 6P
   QUAD OPERATIONAL AMPLIFIERS
2011
LM324 UTC-LM324_17 Datasheet
193Kb / 5P
   QUAD OPERATIONAL AMPLIFIERS
2017
logo
National Semiconductor ...
LM3303 NSC-LM3303 Datasheet
200Kb / 10P
   Quad Operational Amplifiers
logo
HTC Korea TAEJIN Techno...
LM324 HTC-LM324_08 Datasheet
114Kb / 4P
   QUAD OPERATIONAL AMPLIFIERS
2008 - Ver. 1.0
logo
Siemens Semiconductor G...
TAA4765 SIEMENS-TAA4765 Datasheet
155Kb / 4P
   QUAD OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com