Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74LVTH32374-EP Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części SN74LVTH32374-EP
Szczegółowy opis  3.3-V ABT 32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVTH32374-EP Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button SN74LVTH32374-EP Datasheet HTML 3Page - Texas Instruments SN74LVTH32374-EP Datasheet HTML 4Page - Texas Instruments SN74LVTH32374-EP Datasheet HTML 5Page - Texas Instruments SN74LVTH32374-EP Datasheet HTML 6Page - Texas Instruments SN74LVTH32374-EP Datasheet HTML 7Page - Texas Instruments SN74LVTH32374-EP Datasheet HTML 8Page - Texas Instruments SN74LVTH32374-EP Datasheet HTML 9Page - Texas Instruments SN74LVTH32374-EP Datasheet HTML 10Page - Texas Instruments SN74LVTH32374-EP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SN74LVTH32374EP
3.3V ABT 32BIT EDGETRIGGERED DTYPE FLIPFLOP
WITH 3STATE OUTPUTS
SCBS795 − DECEMBER 2003
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP†
MAX
MIN
MAX
UNIT
fmax
160
160
MHz
tPLH
CLK
Q
1.9
3
4.5
5.2
ns
tPHL
CLK
Q
2.1
2.9
4
4.2
ns
tPZH
OE
Q
1.5
2.8
4.5
5.4
ns
tPZL
OE
Q
1.5
2.8
4.4
5
ns
tPHZ
OE
Q
2.4
3.5
5
5.4
ns
tPLZ
OE
Q
2
3.2
4.6
4.8
ns
tsk(o)
0.5
ns
† All typical values are at VCC = 3.3 V, TA = 25°C.


Podobny numer części - SN74LVTH32374-EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74LVTH32374 TI-SN74LVTH32374 Datasheet
275Kb / 10P
[Old version datasheet]   3.3 V ABT 32 BIT EDGE TRIGGERED D TYPE FLIP FLOP WITH 3 STATE OUTPUTS
SN74LVTH32374GKER TI-SN74LVTH32374GKER Datasheet
275Kb / 10P
[Old version datasheet]   3.3 V ABT 32 BIT EDGE TRIGGERED D TYPE FLIP FLOP WITH 3 STATE OUTPUTS
SN74LVTH32374ZKER TI-SN74LVTH32374ZKER Datasheet
275Kb / 10P
[Old version datasheet]   3.3 V ABT 32 BIT EDGE TRIGGERED D TYPE FLIP FLOP WITH 3 STATE OUTPUTS
More results

Podobny opis - SN74LVTH32374-EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74LVTH32374 TI-SN74LVTH32374 Datasheet
275Kb / 10P
[Old version datasheet]   3.3 V ABT 32 BIT EDGE TRIGGERED D TYPE FLIP FLOP WITH 3 STATE OUTPUTS
SN74LVTH322374 TI1-SN74LVTH322374 Datasheet
404Kb / 12P
[Old version datasheet]   3.3-V ABT 32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVTH16374-EP TI1-SN74LVTH16374-EP Datasheet
301Kb / 10P
[Old version datasheet]   3.3-V ABT 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVTH32237 TI-SN74LVTH32237 Datasheet
266Kb / 9P
[Old version datasheet]   3.3V ABT 32 BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3 STATE OUTPUTS
SN74LVTH574-EP TI1-SN74LVTH574-EP Datasheet
434Kb / 9P
[Old version datasheet]   3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVTH374-EP TI1-SN74LVTH374-EP Datasheet
442Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH32374A TI-SN74LVCH32374A Datasheet
131Kb / 9P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AUC32374 TI1-SN74AUC32374 Datasheet
412Kb / 13P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH32374 TI-SN74ALVCH32374 Datasheet
131Kb / 9P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH32374 TI1-SN74ALVCH32374_13 Datasheet
791Kb / 12P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com