Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74LVTH32374-EP Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części SN74LVTH32374-EP
Szczegółowy opis  3.3-V ABT 32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVTH32374-EP Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button SN74LVTH32374-EP Datasheet HTML 4Page - Texas Instruments SN74LVTH32374-EP Datasheet HTML 5Page - Texas Instruments SN74LVTH32374-EP Datasheet HTML 6Page - Texas Instruments SN74LVTH32374-EP Datasheet HTML 7Page - Texas Instruments SN74LVTH32374-EP Datasheet HTML 8Page - Texas Instruments SN74LVTH32374-EP Datasheet HTML 9Page - Texas Instruments SN74LVTH32374-EP Datasheet HTML 10Page - Texas Instruments SN74LVTH32374-EP Datasheet HTML 11Page - Texas Instruments SN74LVTH32374-EP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
SN74LVTH32374EP
3.3V ABT 32BIT EDGETRIGGERED DTYPE FLIPFLOP
WITH 3STATE OUTPUTS
SCBS795 − DECEMBER 2003
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
Open
GND
500
500
Data Input
Timing Input
2.7 V
0 V
2.7 V
0 V
2.7 V
0 V
tw
Input
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
VOLTAGE WAVEFORMS
PULSE DURATION
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
2.7 V
0 V
Input
Output
Control
Output
Waveform 1
S1 at 6 V
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
3 V
0 V
VOL + 0.3 V
VOH − 0.3 V
≈0 V
2.7 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
Output
Output
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
6 V
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time with one transition per measurement.
E. All parameters and waveforms are not applicable to all devices.
6 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
th
tsu
1.5 V
1.5 V
1.5 V
1.5 V
Figure 2. Load Circuit and Voltage Waveforms


Podobny numer części - SN74LVTH32374-EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74LVTH32374 TI-SN74LVTH32374 Datasheet
275Kb / 10P
[Old version datasheet]   3.3 V ABT 32 BIT EDGE TRIGGERED D TYPE FLIP FLOP WITH 3 STATE OUTPUTS
SN74LVTH32374GKER TI-SN74LVTH32374GKER Datasheet
275Kb / 10P
[Old version datasheet]   3.3 V ABT 32 BIT EDGE TRIGGERED D TYPE FLIP FLOP WITH 3 STATE OUTPUTS
SN74LVTH32374ZKER TI-SN74LVTH32374ZKER Datasheet
275Kb / 10P
[Old version datasheet]   3.3 V ABT 32 BIT EDGE TRIGGERED D TYPE FLIP FLOP WITH 3 STATE OUTPUTS
More results

Podobny opis - SN74LVTH32374-EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74LVTH32374 TI-SN74LVTH32374 Datasheet
275Kb / 10P
[Old version datasheet]   3.3 V ABT 32 BIT EDGE TRIGGERED D TYPE FLIP FLOP WITH 3 STATE OUTPUTS
SN74LVTH322374 TI1-SN74LVTH322374 Datasheet
404Kb / 12P
[Old version datasheet]   3.3-V ABT 32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVTH16374-EP TI1-SN74LVTH16374-EP Datasheet
301Kb / 10P
[Old version datasheet]   3.3-V ABT 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVTH32237 TI-SN74LVTH32237 Datasheet
266Kb / 9P
[Old version datasheet]   3.3V ABT 32 BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3 STATE OUTPUTS
SN74LVTH574-EP TI1-SN74LVTH574-EP Datasheet
434Kb / 9P
[Old version datasheet]   3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVTH374-EP TI1-SN74LVTH374-EP Datasheet
442Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVCH32374A TI-SN74LVCH32374A Datasheet
131Kb / 9P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74AUC32374 TI1-SN74AUC32374 Datasheet
412Kb / 13P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH32374 TI-SN74ALVCH32374 Datasheet
131Kb / 9P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH32374 TI1-SN74ALVCH32374_13 Datasheet
791Kb / 12P
[Old version datasheet]   32-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com