Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74SSTUB32864 Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74SSTUB32864
Szczegółowy opis  25-BIT CONFIGURABLE REGISTERED BUFFER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74SSTUB32864 Arkusz danych(HTML) 1 Page - Texas Instruments

  SN74SSTUB32864 Datasheet HTML 1Page - Texas Instruments SN74SSTUB32864 Datasheet HTML 2Page - Texas Instruments SN74SSTUB32864 Datasheet HTML 3Page - Texas Instruments SN74SSTUB32864 Datasheet HTML 4Page - Texas Instruments SN74SSTUB32864 Datasheet HTML 5Page - Texas Instruments SN74SSTUB32864 Datasheet HTML 6Page - Texas Instruments SN74SSTUB32864 Datasheet HTML 7Page - Texas Instruments SN74SSTUB32864 Datasheet HTML 8Page - Texas Instruments SN74SSTUB32864 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
FEATURES
DESCRIPTION
SN74SSTUB32864
SCAS791A – OCTOBER 2006 – REVISED SEPTEMBER 2007
www.ti.com
25-BIT CONFIGURABLE REGISTERED BUFFER
• Supports SSTL_18 Data Inputs
2
• Member of the Texas Instruments Widebus+™
• Differential Clock (CLK and CLK) Inputs
Family
• Supports LVCMOS Switching Levels on the
• Pinout Optimizes DDR2 DIMM PCB Layout
Control and RESET Inputs
• Configurable as 25-Bit 1:1 or 14-Bit 1:2
• Supports Industrial Temperature Range
Registered Buffer
(-40
°C to 85°C)
• Chip-Select Inputs Gate the Data Outputs from
• RESET Input Disables Differential Input
Changing State and Minimizes System Power
Receivers, Resets All Registers, and Forces
Consumption
All Outputs Low
• Output Edge-Control Circuitry Minimizes
Switching Noise in an Unterminated Line
This 25-bit 1:1 or 14-bit 1:2 configurable registered buffer is designed for 1.7-V to 1.9-V VCC operation. In the
1:1 pinout configuration, only one device per DIMM is required to drive nine SDRAM loads. In the 1:2 pinout
configuration, two devices per DIMM are required to drive 18 SDRAM loads.
All inputs are SSTL_18, except the reset (RESET) and control (Cn) inputs, which are LVCMOS. All outputs are
edge-controlled circuits optimized for unterminated DIMM loads and meet SSTL_18 specifications.
The SN74SSTUB32864 operates from a differential clock (CLK and CLK). Data are registered at the crossing of
CLK going high and CLK going low.
The C0 input controls the pinout configuration of the 1:2 pinout from register-A configuration (when low) to
register-B configuration (when high). The C1 input controls the pinout configuration from 25-bit 1:1 (when low) to
14-bit 1:2 (when high). C0 and C1 should not be switched during normal operation. They should be hard-wired to
a valid low or high level to configure the register in the desired mode. In the 25-bit 1:1 pinout configuration, the
A6, D6, and H6 terminals are driven low and are do-not-use (DNU) pins.
In the DDR2 RDIMM application, RESET is specified to be completely asynchronous with respect to CLK and
CLK. Therefore, no timing relationship can be ensured between the two. When entering reset, the register is
cleared, and the data outputs are driven low quickly, relative to the time required to disable the differential input
receivers. However, when coming out of reset, the register becomes active quickly, relative to the time required
to enable the differential input receivers. As long as the data inputs are low, and the clock is stable during the
time from the low-to-high transition of RESET until the input receivers are fully enabled, the design of the
SN74SSTUB32864 ensures that the outputs remain low, thus ensuring there will be no glitches on the output.
To ensure defined outputs from the register before a stable clock has been supplied, RESET must be held in the
low state during power up.
The device supports low-power standby operation. When RESET is low, the differential input receivers are
disabled, and undriven (floating) data, clock, and reference voltage (VREF) inputs are allowed. In addition, when
RESET is low, all registers are reset and all outputs are forced low, except QERR. The LVCMOS RESET and Cn
inputs always must be held at a valid logic high or low level.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
-40
°C to 85°C
LFBGA–ZKE
Tape and reel
SN74SSTUB32864ZKER
SB864
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Widebus+ is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - SN74SSTUB32864

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74SSTUB32864NMJR TI-SN74SSTUB32864NMJR Datasheet
482Kb / 18P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER
SN74SSTUB32864ZKER TI-SN74SSTUB32864ZKER Datasheet
482Kb / 18P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER
SN74SSTUB32864 TI-SN74SSTUB32864_V01 Datasheet
482Kb / 18P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER
More results

Podobny opis - SN74SSTUB32864

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74SSTUB32864A TI1-74SSTUB32864A Datasheet
519Kb / 19P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER
logo
Integrated Circuit Syst...
ICSSSTU32864 ICST-ICSSSTU32864 Datasheet
110Kb / 11P
   25-Bit Configurable Registered Buffer
logo
Texas Instruments
SN74SSTUB32864 TI-SN74SSTUB32864_V01 Datasheet
482Kb / 18P
[Old version datasheet]   25-BIT CONFIGURABLE REGISTERED BUFFER
logo
Integrated Device Techn...
ICSSSTUAF32865A IDT-ICSSSTUAF32865A Datasheet
422Kb / 17P
   25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
ICSSSTUAF32866B IDT-ICSSSTUAF32866B Datasheet
640Kb / 31P
   25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
IDT74SSTUBF32866B IDT-IDT74SSTUBF32866B Datasheet
640Kb / 31P
   25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
logo
Renesas Technology Corp
ICSSSTUB32864A RENESAS-ICSSSTUB32864A Datasheet
350Kb / 13P
   25-Bit Configurable Registered Buffer for DDR2
2019
logo
Integrated Device Techn...
ICSSSTUAH32865A IDT-ICSSSTUAH32865A Datasheet
418Kb / 17P
   25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
ICSSSTUAF32866C IDT-ICSSSTUAF32866C Datasheet
638Kb / 31P
   25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
logo
Renesas Technology Corp
IDT74SSTUBF32866B RENESAS-IDT74SSTUBF32866B Datasheet
818Kb / 31P
   25-BIT CONFIGURABLE REGISTERED BUFFER FOR DDR2
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com