Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN54012 Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FAN54012
Szczegółowy opis  USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN54012 Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FAN54012 Datasheet HTML 1Page - Fairchild Semiconductor FAN54012 Datasheet HTML 2Page - Fairchild Semiconductor FAN54012 Datasheet HTML 3Page - Fairchild Semiconductor FAN54012 Datasheet HTML 4Page - Fairchild Semiconductor FAN54012 Datasheet HTML 5Page - Fairchild Semiconductor FAN54012 Datasheet HTML 6Page - Fairchild Semiconductor FAN54012 Datasheet HTML 7Page - Fairchild Semiconductor FAN54012 Datasheet HTML 8Page - Fairchild Semiconductor FAN54012 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5401X Family • Rev. 1.0.2
3
Block Diagram
Figure 2. IC and System Block Diagram
Q2
PMID
C
IN2
VBUS
C
IN1
Q1
Q1B
SW
PGND
L1
VBAT
1
H
C
OUT
+
Battery
R
SENSE
68m
C
BAT
SYSTEM
LOAD
Q3
Q1A
CHARGE
PUMP
CSIN
Figure 3. Power Stage
PMID
Q1A
Q1B
Greater than VBAT
ON
OFF
Less than VBAT
OFF
ON


Podobny numer części - FAN54012

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN54012UCX FAIRCHILD-FAN54012UCX Datasheet
1Mb / 36P
   FAN54010 / FAN54011 / FAN54012 / FAN54013 / FAN54014
FAN54012UCX(1) FAIRCHILD-FAN54012UCX(1) Datasheet
1Mb / 36P
   FAN54010 / FAN54011 / FAN54012 / FAN54013 / FAN54014
More results

Podobny opis - FAN54012

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FAN54015 ONSEMI-FAN54015 Datasheet
1Mb / 33P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
November, 2019 ??Rev. 2
logo
Fairchild Semiconductor
FAN54015 FAIRCHILD-FAN54015 Datasheet
1Mb / 34P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
Monolithic Power System...
MP2626 MPS-MP2626 Datasheet
1Mb / 34P
   USB-Compliant Single Cell Li-ion Switching Charger with USB-OTG Boost
logo
Fairchild Semiconductor
FAN54300 FAIRCHILD-FAN54300 Datasheet
2Mb / 43P
   USB-Compliant, Dual-Power Input, Single-Cell, Li-Ion Switching Charger with USB-OTG Boost Regulator
FAN5400 FAIRCHILD-FAN5400 Datasheet
559Kb / 5P
   USB-Compliant Single-Cell Li-Ion Switching Charger
logo
ON Semiconductor
FAN54005 ONSEMI-FAN54005 Datasheet
4Mb / 32P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost for 200 mA to 1.45 A Systems
November, 2019 ??Rev. 4
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451 Datasheet
420Kb / 37P
   Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
logo
ON Semiconductor
FAN54110 ONSEMI-FAN54110 Datasheet
1Mb / 24P
   USB-Compatible Single-Cell Li-Ion Linear Charger with DBP
June 2017 Rev. 2
logo
Fairchild Semiconductor
FAN5400 FAIRCHILD-FAN5400_11 Datasheet
1Mb / 37P
   FAN5400 / FAN5401 / FAN5402 / FAN5403 / FAN5404 / FAN5405 USB-Compliant Single-Cell Li-Ion Switching Charger
logo
Semtech Corporation
SC820 SEMTECH-SC820 Datasheet
349Kb / 21P
   Adapter/USB Dual Input Single-cell Li-ion Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com