Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN54011UCX Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części FAN54011UCX
Szczegółowy opis  USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN54011UCX Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  FAN54011UCX Datasheet HTML 1Page - Fairchild Semiconductor FAN54011UCX Datasheet HTML 2Page - Fairchild Semiconductor FAN54011UCX Datasheet HTML 3Page - Fairchild Semiconductor FAN54011UCX Datasheet HTML 4Page - Fairchild Semiconductor FAN54011UCX Datasheet HTML 5Page - Fairchild Semiconductor FAN54011UCX Datasheet HTML 6Page - Fairchild Semiconductor FAN54011UCX Datasheet HTML 7Page - Fairchild Semiconductor FAN54011UCX Datasheet HTML 8Page - Fairchild Semiconductor FAN54011UCX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5401X Family • Rev. 1.0.2
4
Pin Configuration
C1
B1
A1
A2
C3
B3
A3
C2
D1
D3
D2
B2
C4
B4
A4
D4
E1
E3
E2
E4
Top View
C1
B1
A1
C3
B3
A3
A2
C2
D1
D3
D2
B2
C4
B4
A4
D4
E1
E3
E2
E4
Bottom View
Figure 4. WLCSP-20 Pin Assignments
Pin Definitions
Pin #
Name
Part # Description
A1, A2
VBUS
ALL
Charger Input Voltage
and USB-OTG output voltage. Bypass with a 1
F capacitor to PGND.
A3
NC
ALL
No Connect
. No external connection is made between this pin and the IC’s internal circuitry.
A4
SCL
ALL
I
2C Interface Serial Clock. This pin should not be left floating.
B1-B3
PMID
ALL
Power Input Voltage
. Power input to the charger regulator, bypass point for the input current
sense, and high-voltage input switch. Bypass with a minimum of 4.7
F, 6.3V capacitor to PGND.
B4
SDA
ALL
I
2C Interface Serial Data. This pin should not be left floating.
C1-C3
SW
ALL
Switching Node
. Connect to output inductor.
C4
STAT
ALL
Status
. Open-drain output indicating charge status. The IC pulls this pin LOW when charging.
D1-D3
PGND
ALL
Power Ground
. Power return for gate drive and power transistors. The connection from this pin
to the bottom of CMID should be as short as possible.
D4
OTG
ALL
On-The-Go
. Enables boost regulator in conjunction with OTG_EN and OTG_PL bits (see Table
16)
. On VBUS Power-On Reset (POR), this pin sets the input current limit for t15MIN charging.
E1
CSIN
ALL
Current-Sense Input
. Connect to the sense resistor in series with the battery. The IC uses this
node to sense current into the battery. Bypass this pin with a 0.1
F capacitor to PGND.
E2
AUXPWR
00, 01,
02
Auxiliary Power
. Connect to the battery pack to provide IC power during High-Impedance
Mode. Bypass with a 1
F capacitor to PGND.
E2
DISABLE
03, 04,
05
Charge Disable
. If this pin is HIGH, charging is disabled. When LOW, charging is controlled by
the I
2C registers. When this pin is HIGH, the 15-minute timer is reset. This pin does not affect
the 32-second timer.
E3
VREG
ALL
Regulator Output
. Connect to a 1
F capacitor to PGND. This pin can supply up to 2mA of DC
load current. For FAN54010-FAN54012, the output voltage is PMID, which is limited to 6.5V. For
FAN54013-FAN54015, the output voltage is regulated to 1.8V.
E4
VBAT
ALL
Battery Voltage
. Connect to the positive (+) terminal of the battery pack. Bypass with a 0.1
F
capacitor to PGND if the battery is connected through long leads.


Podobny numer części - FAN54011UCX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN54011UCX FAIRCHILD-FAN54011UCX Datasheet
1Mb / 36P
   FAN54010 / FAN54011 / FAN54012 / FAN54013 / FAN54014
FAN54011UCX(1) FAIRCHILD-FAN54011UCX(1) Datasheet
1Mb / 36P
   FAN54010 / FAN54011 / FAN54012 / FAN54013 / FAN54014
More results

Podobny opis - FAN54011UCX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FAN54015 ONSEMI-FAN54015 Datasheet
1Mb / 33P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
November, 2019 ??Rev. 2
logo
Fairchild Semiconductor
FAN54015 FAIRCHILD-FAN54015 Datasheet
1Mb / 34P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost Regulator
logo
Monolithic Power System...
MP2626 MPS-MP2626 Datasheet
1Mb / 34P
   USB-Compliant Single Cell Li-ion Switching Charger with USB-OTG Boost
logo
Fairchild Semiconductor
FAN54300 FAIRCHILD-FAN54300 Datasheet
2Mb / 43P
   USB-Compliant, Dual-Power Input, Single-Cell, Li-Ion Switching Charger with USB-OTG Boost Regulator
FAN5400 FAIRCHILD-FAN5400 Datasheet
559Kb / 5P
   USB-Compliant Single-Cell Li-Ion Switching Charger
logo
ON Semiconductor
FAN54005 ONSEMI-FAN54005 Datasheet
4Mb / 32P
   USB-Compliant Single-Cell Li-Ion Switching Charger with USB-OTG Boost for 200 mA to 1.45 A Systems
November, 2019 ??Rev. 4
logo
Richtek Technology Corp...
RT9451 RICHTEK-RT9451 Datasheet
420Kb / 37P
   Switch-Mode Single Cell Li-ion Battery Charger with USB OTG
logo
ON Semiconductor
FAN54110 ONSEMI-FAN54110 Datasheet
1Mb / 24P
   USB-Compatible Single-Cell Li-Ion Linear Charger with DBP
June 2017 Rev. 2
logo
Fairchild Semiconductor
FAN5400 FAIRCHILD-FAN5400_11 Datasheet
1Mb / 37P
   FAN5400 / FAN5401 / FAN5402 / FAN5403 / FAN5404 / FAN5405 USB-Compliant Single-Cell Li-Ion Switching Charger
logo
Semtech Corporation
SC820 SEMTECH-SC820 Datasheet
349Kb / 21P
   Adapter/USB Dual Input Single-cell Li-ion Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com