Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL431QDBVRQ1 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części TL431QDBVRQ1
Szczegółowy opis  ADJUSTABLE PRECISION SHUNT REGULATOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TL431QDBVRQ1 Arkusz danych(HTML) 1 Page - Texas Instruments

  TL431QDBVRQ1 Datasheet HTML 1Page - Texas Instruments TL431QDBVRQ1 Datasheet HTML 2Page - Texas Instruments TL431QDBVRQ1 Datasheet HTML 3Page - Texas Instruments TL431QDBVRQ1 Datasheet HTML 4Page - Texas Instruments TL431QDBVRQ1 Datasheet HTML 5Page - Texas Instruments TL431QDBVRQ1 Datasheet HTML 6Page - Texas Instruments TL431QDBVRQ1 Datasheet HTML 7Page - Texas Instruments TL431QDBVRQ1 Datasheet HTML 8Page - Texas Instruments TL431QDBVRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
TL431-Q1
ADJUSTABLE PRECISION SHUNT REGULATOR
SGLS302C − MARCH 2005 − REVISED APRIL 2008
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Qualified for Automotive Applications
D Operation From −40°C to 125°C
D Reference Voltage Tolerance at 25°C
− 1% ...A Grade
− 0.5% ...B Grade
D Typical Temperature Drift
− 14 mV (Q Temp)
D Low Output Noise
D 0.2-Ω Typical Output Impedance
D Sink-Current Capability = 1 mA to 100 mA
D Adjustable Output Voltage = Vref to 36 V
description
The TL431 is a three-terminal adjustable shunt
regulator with specified thermal stability over
applicable automotive temperature ranges. The output voltage can be set to any value between Vref
(approximately 2.5 V) and 36 V, with two external resistors (see Figure 17). This device has a typical output
impedance of 0.2
Ω. Active output circuitry provides a sharp turn-on characteristic, making this device an
excellent replacement for Zener diodes in many applications, such as onboard regulation, adjustable power
supplies, and switching power supplies.
Ordering Information{
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SOT-23-5 (DBV)
Reel of 3000
TL431AQDBVRQ1
TACQ
−40
°C to 125°C
SOT-23-3 (DBZ)
Reel of 3000
TL431BQDBZRQ1
T3FU
−40
°C to 125°C
SOT-23-5 (DBV)
Reel of 3000
TL431QDBVRQ1
T3QU
SOT-23-3 (DBZ)
Reel of 3000
TL431AQDBZRQ1
TAQU
† For the most current package and ordering information, see the Package Option Addendum at the end of this
document, or see the TI web site at http://www.ti.com.
‡ Package drawings, thermal data, and symbolization are available at http://www.ti.com/packaging.
symbol
REF
CATHODE
ANODE
functional block diagram
CATHODE
REF
ANODE
+
_
Vref
Copyright
 2008, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerFLEX is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
NC − No internal connection
DBV (SOT-23-5) PACKAGE
(TOP VIEW)
1
2
3
5
4
NC
NC
CATHODE
ANODE
REF
† Pin 2 is connected internally to ANODE
(die substrate) and should be floating or
connected to ANODE.
TL431, TL431A, TL431B
DBZ (SOT-23-5) PACKAGE
(TOP VIEW)
1
2
5
CATHODE
REF
ANODE


Podobny numer części - TL431QDBVRQ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL431QDBVRQ1 TI1-TL431QDBVRQ1 Datasheet
961Kb / 26P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATOR
More results

Podobny opis - TL431QDBVRQ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com