Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL1451A-EP Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części TL1451A-EP
Szczegółowy opis  DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TL1451A-EP Arkusz danych(HTML) 4 Page - Texas Instruments

  TL1451A-EP Datasheet HTML 1Page - Texas Instruments TL1451A-EP Datasheet HTML 2Page - Texas Instruments TL1451A-EP Datasheet HTML 3Page - Texas Instruments TL1451A-EP Datasheet HTML 4Page - Texas Instruments TL1451A-EP Datasheet HTML 5Page - Texas Instruments TL1451A-EP Datasheet HTML 6Page - Texas Instruments TL1451A-EP Datasheet HTML 7Page - Texas Instruments TL1451A-EP Datasheet HTML 8Page - Texas Instruments TL1451A-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
www.ti.com
Undervoltage Lockout Section Electrical Characteristics
Short-Circuit Protection Control Section Electrical Characteristics
Oscillator Section Electrical Characteristics
TL1451A-EP
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
SLVS614 – DECEMBER 2005
over recommended operating free-air temperature range, V
CC = 6 V, f = 200 kHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
TA = 25°C
2.72
Upper threshold voltage (VCC)
TA = 125°C
1.7
V
TA = MIN
3.15
TA = 25°C
2.6
Lower threshold voltage (VCC)
TA = 125°C
1.65
V
TA = MIN
3.09
TA = 25°C
80
120
Hysteresis (VCC)
TA = 125°C
10
50
mV
TA = MIN
10
60
TA = 25°C
1.5
Reset threshold voltage (VCC)
TA = 125°C
0.95
V
TA = MIN
1.5
(1)
All typical values are at TA = 25°C, unless otherwise indicated.
over recommended operating free-air temperature range, V
CC = 6 V, f = 200 kHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
TA = 25°C
650
700
750
Input threshold voltage (SCP)
TA = 125°C
400
478
650
mV
TA = MIN
800
880
950
Standby voltage (SCP)
140
185
230
mV
TA = 25°C
60
120
Latched input voltage (SCP)
TA = 125°C
70
120
mV
TA = MIN
60
120
Equivalent timing resistance
170
k
Comparator threshold voltage (FEEDBACK)
1.18
V
(1)
All typical values are at TA = 25°C, unless otherwise indicated.
over recommended operating free-air temperature range, V
CC = 6 V, f = 200 kHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
TA = 25°C
200
CT = 330 pF,
Frequency
TA = 125°C
195
kHz
RT = 10 kΩ
TA = MIN
193
Standard deviation of frequency
CT = 330 pF,
RT = 10 kΩ
2%
TA = 25°C
1%
Frequency change with voltage
VCC = 3.6 V to 40 V
TA = 125°C
1%
TA = MIN
3%
Frequency change with temperature
1.37%
±10%(2)
(1)
All typical values are at TA = 25°C, unless otherwise indicated.
(2)
These parameters are not production tested.
4


Podobny numer części - TL1451A-EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL1451A-EP TI-TL1451A-EP Datasheet
1Mb / 36P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451A-EP TI-TL1451A-EP_15 Datasheet
574Kb / 26P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Podobny opis - TL1451A-EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
TL1451 UTC-TL1451_05 Datasheet
254Kb / 14P
   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL1451A TI-TL1451A Datasheet
425Kb / 29P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451A-Q1 TI1-TL1451A-Q1 Datasheet
392Kb / 24P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451A-EP TI-TL1451A-EP_15 Datasheet
574Kb / 26P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Unisonic Technologies
TL1451 UTC-TL1451_15 Datasheet
404Kb / 14P
   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL1451AC TI1-TL1451AC Datasheet
494Kb / 21P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Unisonic Technologies
UTCTL1451 UTC-UTCTL1451 Datasheet
127Kb / 5P
   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL1451A TI-TL1451A_15 Datasheet
1Mb / 36P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451A-Q1 TI-TL1451A-Q1_15 Datasheet
893Kb / 26P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Unisonic Technologies
TL1451 UTC-TL1451_08 Datasheet
305Kb / 14P
   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com