Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL1963A-18QKTTRQ1Q1 Arkusz danych(PDF) 10 Page - Texas Instruments

Numer części TL1963A-18QKTTRQ1Q1
Szczegółowy opis  1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TL1963A-18QKTTRQ1Q1 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button TL1963A-18QKTTRQ1Q1 Datasheet HTML 6Page - Texas Instruments TL1963A-18QKTTRQ1Q1 Datasheet HTML 7Page - Texas Instruments TL1963A-18QKTTRQ1Q1 Datasheet HTML 8Page - Texas Instruments TL1963A-18QKTTRQ1Q1 Datasheet HTML 9Page - Texas Instruments TL1963A-18QKTTRQ1Q1 Datasheet HTML 10Page - Texas Instruments TL1963A-18QKTTRQ1Q1 Datasheet HTML 11Page - Texas Instruments TL1963A-18QKTTRQ1Q1 Datasheet HTML 12Page - Texas Instruments TL1963A-18QKTTRQ1Q1 Datasheet HTML 13Page - Texas Instruments TL1963A-18QKTTRQ1Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
-2
0
2
4
6
8
10
12
0
2
4
6
8
10
Output Voltage – V
TJ = 25°C
VIN = 0 V
Current flows into OUT pin
VOUT Adjustable
VOUT = VADJ
VOUT Fixed 3.3 V
VOUT = VFB
TL1963A (Adjustable)
V
= V
OUT
ADJ
TL1963A-3.3
V
= V
OUT
FB
0
200
400
600
800
1000
-50
-25
0
25
50
75
100
125
TA – Free-Air Temperature – °C
VIN = 0 V
VOUT Adjustable
VOUT = 1.21 V
VOUT Fixed 3.3V
VOUT = 3.3 V
TL1963A (Adjustable)
V
= 1.21 V
OUT
TL1963A-3.3
V
= 3.3 V
OUT
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
-50
-25
0
25
50
75
100
125
TA – Free-Air Temperature – °C
VOUT Adjustable
VOUT Fixed 3.3 V
IOUT = 1.5 A
VOUT Fixed 2.5 V
VOUT Fixed 1.8 V
TL1963A (Adjustable)
TL1963A-3.3
TL1963A-2.5
TL1963A-1.8
0
10
20
30
40
50
60
70
80
10
100
1000
10000
100000
100000
Frequency – Hz
VIN = 2.7 V
CIN = 0
COUT = 10 µF
IOUT = 750 mA
VRipple = 0.05 Vpp
10
100
1k
10k
100k
1M
V = 2.7 V
C = 0
C
= 10 µF (ceramic)
I
= 750 mA
V
= 0.05 V
T = 25°C
IN
IN
OUT
OUT
Ripple
PP
A
TL1963A-Q1
SLVSA79 – APRIL 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
REVERSE OUTPUT CURRENT
REVERSE OUTPUT CURRENT
vs
vs
OUTPUT VOLTAGE
TEMPERATURE
Figure 21.
Figure 22.
RIPPLE REJECTION
LOAD REGULATION
vs
vs
FREQUENCY
TEMPERATURE
Figure 23.
Figure 24.
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TL1963A-Q1


Podobny numer części - TL1963A-18QKTTRQ1Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL1963A-18 TI-TL1963A-18 Datasheet
805Kb / 26P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-18 TI-TL1963A-18 Datasheet
843Kb / 27P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-18 TI-TL1963A-18 Datasheet
2Mb / 39P
[Old version datasheet]   TL1963A-xx 1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TL1963A-18 TI1-TL1963A-18 Datasheet
2Mb / 39P
[Old version datasheet]   1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TL1963A-18DCQR TI-TL1963A-18DCQR Datasheet
843Kb / 27P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
More results

Podobny opis - TL1963A-18QKTTRQ1Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL1963A-XX TI-TL1963A-XX_09 Datasheet
843Kb / 27P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-XX TI-TL1963A-XX_10 Datasheet
834Kb / 28P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A TI1-TL1963A_16 Datasheet
2Mb / 39P
[Old version datasheet]   1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TL1963A-XX TI-TL1963A-XX Datasheet
805Kb / 26P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TPS7A4501M TI1-TPS7A4501M Datasheet
406Kb / 21P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATOR
TL1963A TI-TL1963A_15 Datasheet
2Mb / 39P
[Old version datasheet]   TL1963A-xx 1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TPS73801 TI1-TPS73801 Datasheet
711Kb / 21P
[Old version datasheet]   1.0-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TPS7A4501 TI1-TPS7A4501_17 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
logo
ON Semiconductor
NCP57152DSADJR4G ONSEMI-NCP57152DSADJR4G Datasheet
292Kb / 11P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
logo
Texas Instruments
TPS73801 TI-TPS73801_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS73801 1.0-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com