Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL4050A10IDCKT Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części TL4050A10IDCKT
Szczegółowy opis  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TL4050A10IDCKT Arkusz danych(HTML) 4 Page - Texas Instruments

  TL4050A10IDCKT Datasheet HTML 1Page - Texas Instruments TL4050A10IDCKT Datasheet HTML 2Page - Texas Instruments TL4050A10IDCKT Datasheet HTML 3Page - Texas Instruments TL4050A10IDCKT Datasheet HTML 4Page - Texas Instruments TL4050A10IDCKT Datasheet HTML 5Page - Texas Instruments TL4050A10IDCKT Datasheet HTML 6Page - Texas Instruments TL4050A10IDCKT Datasheet HTML 7Page - Texas Instruments TL4050A10IDCKT Datasheet HTML 8Page - Texas Instruments TL4050A10IDCKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
TL4050
SLOS486A – JUNE 2007 – REVISED AUGUST 2009........................................................................................................................................................ www.ti.com
ORDERING INFORMATION (continued)
DEVICE
ORDERABLE
TOP-SIDE
TA
VKA
PACKAGE(2)
GRADE
PART NUMBER
MARKING(3)
Reel of 3000
TL4050B25QDBZR
SOT-23-3 – DBZ
TKJ_
Reel of 250
TL4050B25QDBZT
2.5 V
Reel of 3000
TL4050B25QDCKR
SC-70 – DCK
86_
Reel of 250
TL4050B25QDCKT
Reel of 3000
TL4050B41QDBZR
SOT-23-3 – DBZ
TKQ_
Reel of 250
TL4050B41QDBZT
4.096 V
B grade:
Reel of 3000
TL4050B41QDCKR
0.2% initial
SC-70 – DCK
8J_
Reel of 250
TL4050B41QDCKT
accuracy and
50 ppm/°C
Reel of 3000
TL4050B50QDBZR
SOT-23-3 – DBZ
TKW_
temperature
Reel of 250
TL4050B50QDBZT
coefficient
5 V
Reel of 3000
TL4050B50QDCKR
SC-70 – DCK
8R_
Reel of 250
TL4050B50QDCKT
Reel of 3000
TL4050B10QDBZR
SOT-23-3 – DBZ
TK6_
Reel of 250
TL4050B10QDBZT
10 V
Reel of 3000
TL4050B10QDCKR
SC-70 – DCK
95_
Reel of 250
TL4050B10QDCKT
–40°C to 125°C
Reel of 3000
TL4050C25QDBZR
SOT-23-3 – DBZ
TKK_
Reel of 250
TL4050C25QDBZT
2.5 V
Reel of 3000
TL4050C25QDCKR
SC-70 – DCK
87_
Reel of 250
TL4050C25QDCKT
Reel of 3000
TL4050C41QDBZR
SOT-23-3 – DBZ
TKR_
Reel of 250
TL4050C41QDBZT
4.096 V
C grade:
Reel of 3000
TL4050C41QDCKR
0.5% initial
SC-70 – DCK
8K_
Reel of 250
TL4050C41QDCKT
accuracy and
50 ppm/°C
Reel of 3000
TL4050C50QDBZR
SOT-23-3 – DBZ
TKY_
temperature
Reel of 250
TL4050C50QDBZT
coefficient
5 V
Reel of 3000
TL4050C50QDCKR
SC-70 – DCK
8S_
Reel of 250
TL4050C50QDCKT
Reel of 3000
TL4050C10QDBZR
SOT-23-3 – DBZ
TK7_
Reel of 250
TL4050C10QDBZT
10 V
Reel of 3000
TL4050C10QDCKR
SC-70 – DCK
96_
Reel of 250
TL4050C10QDCKT
4
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): TL4050


Podobny numer części - TL4050A10IDCKT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL4050A10IDCKT TI-TL4050A10IDCKT Datasheet
618Kb / 35P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10IDCKT TI-TL4050A10IDCKT Datasheet
629Kb / 35P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10IDCKT TI1-TL4050A10IDCKT Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10IDCKTG4 TI-TL4050A10IDCKTG4 Datasheet
618Kb / 35P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10IDCKTG4 TI-TL4050A10IDCKTG4 Datasheet
629Kb / 35P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results

Podobny opis - TL4050A10IDCKT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com