Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL751L12QDR Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części TL751L12QDR
Szczegółowy opis  LOW-DROPOUT VOLTAGE REGULATORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TL751L12QDR Arkusz danych(HTML) 5 Page - Texas Instruments

  TL751L12QDR Datasheet HTML 1Page - Texas Instruments TL751L12QDR Datasheet HTML 2Page - Texas Instruments TL751L12QDR Datasheet HTML 3Page - Texas Instruments TL751L12QDR Datasheet HTML 4Page - Texas Instruments TL751L12QDR Datasheet HTML 5Page - Texas Instruments TL751L12QDR Datasheet HTML 6Page - Texas Instruments TL751L12QDR Datasheet HTML 7Page - Texas Instruments TL751L12QDR Datasheet HTML 8Page - Texas Instruments TL751L12QDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
TL750L
TL751L
www.ti.com.................................................................................................................................... SLVS017U – SEPTEMBER 1987 – REVISED SEPTEMBER 2009
TL75xL10 Electrical Characteristics
(1)
VI = 14 V, IO = 10 mA, TJ = 25°C (unless otherwise noted)
TL750L10
TL751L10
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
TJ = 25°C
9.6
10
10.4
Output voltage
VI = 11 V to 26 V, IO = 0 to 150 mA
V
TJ = 0°C to 125°C
9.5
10.5
VI = 12 V to 19 V
10
25
Input regulation voltage
mV
VI = 11 V to 26 V
30
60
Ripple rejection
VI = 12 V to 22 V, f = 120 Hz
60
65
dB
Output regulation voltage
IO = 5 mA to 150 mA
50
100
mV
IO = 10 mA
0.2
Dropout voltage
V
IO = 150 mA
0.6
Output noise voltage
f = 10 Hz to 100 kHz
700
μV
IO = 150 mA
10
12
Quiescent current
VI = 11 V to 26 V, IO = 10 mA, TJ = 0°C to 125°C
1
2
mA
ENABLE
≥ 2 V
0.5
(1)
Pulse-testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible. Thermal effects
must be taken into account separately. All characteristics are measured with a 0.1-
μF capacitor across the input and a 10-μF capacitor,
with equivalent series resistance of less than 0.4
Ω, across the output.
TL75xL12 Electrical Characteristics
(1)
VI = 14 V, IO = 10 mA, TJ = 25°C (unless otherwise noted)
TL750L12
TL751L12
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
TJ = 25°C
11.52
12
12.48
Output voltage
VI = 13 V to 26 V, IO = 0 to 150 mA
V
TJ = 0°C to 125°C
11.4
12.6
VI = 14 V to 19 V
15
30
Input regulation voltage
mV
VI = 13 V to 26 V
20
40
Ripple rejection
VI = 13 V to 23 V, f = 120 Hz
50
55
dB
Output regulation voltage
IO = 5 mA to 150 mA
50
120
mV
IO = 10 mA
0.2
Dropout voltage
V
IO = 150 mA
0.6
Output noise voltage
f = 10 Hz to 100 kHz
700
μV
IO = 150 mA
10
12
Quiescent current
VI = 13 V to 26 V, IO = 10 mA, TJ = 0°C to 125°C
1
2
mA
ENABLE
≥ 2 V
0.5
(1)
Pulse-testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible. Thermal effects
must be taken into account separately. All characteristics are measured with a 0.1-
μF capacitor across the input and a 10-μF capacitor,
with equivalent series resistance of less than 0.4
Ω, across the output.
PARAMETER MEASUREMENT INFORMATION
The TL750L, TL751L series are low-dropout regulators. This means that capacitance loading is important to the
performance of the regulator because it is a vital part of the control loop. The capacitor value and its equivalent
series resistance (ESR) both affect the control loop and must be defined for the load range and temperature
range. Figure 1 shows the recommended range of ESR for a given load with a 10-
μF capacitor on the output.
Copyright © 1987–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5


Podobny numer części - TL751L12QDR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL751L12QDR TI-TL751L12QDR Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL751L12QDR TI-TL751L12QDR Datasheet
521Kb / 20P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL751L12QDR TI-TL751L12QDR Datasheet
923Kb / 26P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL751L12QDR TI1-TL751L12QDR Datasheet
1Mb / 29P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
More results

Podobny opis - TL751L12QDR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7133Q TI-TPS7133Q Datasheet
690Kb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
STMicroelectronics
L2605 STMICROELECTRONICS-L2605 Datasheet
79Kb / 6P
   LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com