Zakładka z wyszukiwarką danych komponentów |
|
TL4050B41IDCKTG4 Arkusz danych(PDF) 8 Page - Texas Instruments |
|
TL4050B41IDCKTG4 Arkusz danych(HTML) 8 Page - Texas Instruments |
8 / 37 page TL4050x41I ELECTRICAL CHARACTERISTICS DVZ DIZ TL4050 SLOS486A – JUNE 2007 – REVISED AUGUST 2009........................................................................................................................................................ www.ti.com at industrial temperature range, full range TA = –40°C to 85°C (unless otherwise noted) TL4050A41I TL4050B41I TL4050C41I PARAMETER TEST CONDITIONS TA UNIT MIN TYP MAX MIN TYP MAX MIN TYP MAX Reverse VZ breakdown IZ = 100 µA 25°C 4.096 4.096 4.096 V voltage 25°C –4.1 4.1 –8.2 8.2 –21 21 Reverse ΔVZ breakdown IZ = 100 µA mV Full –18 18 –22 22 –34 34 voltage tolerance range 25°C 52 68 52 68 52 68 Minimum IZ,min µA Full cathode current 73 73 73 range IZ = 10 mA 25°C ±30 ±30 ±30 Average temperature IZ = 1 mA 25°C ±20 ±20 ±20 coefficient of α VZ ppm/°C 25°C ±20 ±20 ±20 reverse breakdown IZ = 100 µA Full ±50 ±50 ±50 voltage range 25°C 0.2 0.9 0.2 0.9 0.2 0.9 IZ,min < IZ < 1 mA Reverse Full 1.2 1.2 1.2 breakdown range voltage change mV 25°C 2 7 2 7 2 7 with cathode current change 1 mA < IZ < 15 mA Full 10 10 10 range IZ = 1 mA, Reverse dynamic ZZ f = 120 Hz, 25°C 0.5 0.5 0.5 Ω impedance IAC = 0.1 IZ IZ = 100 µA, eN Wideband noise 25°C 93 93 93 µV RMS 10 Hz ≤ f ≤ 10 kHz Long-term stability of t = 1000 h, reverse TA = 25°C ± 0.1°C, 120 120 120 ppm breakdown IZ = 100 µA voltage Thermal VHYST ΔTA = –40°C to 125°C 1.148 1.148 1.148 mV hysteresis(1) (1) Thermal hysteresis is defined as VZ,25°C (after cycling to –40°C) – VZ,25°C (after cycling to 125°C). 8 Submit Documentation Feedback Copyright © 2007–2009, Texas Instruments Incorporated Product Folder Link(s): TL4050 |
Podobny numer części - TL4050B41IDCKTG4 |
|
Podobny opis - TL4050B41IDCKTG4 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |