Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM320C6472-HIREL Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części SM320C6472-HIREL
Szczegółowy opis  SM320C6472 Fixed-Point Digital Signal Processor
Download  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C6472-HIREL Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button SM320C6472-HIREL Datasheet HTML 6Page - Texas Instruments SM320C6472-HIREL Datasheet HTML 7Page - Texas Instruments SM320C6472-HIREL Datasheet HTML 8Page - Texas Instruments SM320C6472-HIREL Datasheet HTML 9Page - Texas Instruments SM320C6472-HIREL Datasheet HTML 10Page - Texas Instruments SM320C6472-HIREL Datasheet HTML 11Page - Texas Instruments SM320C6472-HIREL Datasheet HTML 12Page - Texas Instruments SM320C6472-HIREL Datasheet HTML 13Page - Texas Instruments SM320C6472-HIREL Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 264 page
background image
SM320C6472-HiRel
SPRS696B – SEPTEMBER 2010 – REVISED OCTOBER 2010
www.ti.com
2.3
Memory Map Summary
Table 2-2 shows the memory map address ranges of the C6472 device. This table provides a combined
view of both local and global addresses. The C64x+ megamodule local memories have both local and
global addresses. The megamodule registers only have local addresses. Local addresses can only be
resolved within the megamodule. They cannot be accessed from outside the megamodule. All of the other
addresses listed in this table are global addresses. Global addresses can be accessed from any bus
master including all six C64x+ megamodules, the transfer controllers within the EDMA3 block, and any
peripheral that can master the bus.
Note: 1K = 1024, 1M = 1024K.
Table 2-2. C6472 Memory Map Summary
MEMORY BLOCK DESCRIPTION
BLOCK SIZE (BYTES)
HEX ADDRESS RANGE
INTERNAL RAM AND ROM
Reserved
2M
00000000 - 001FFFFF
SL2 RAM (Local address map)
768K
00200000 - 002BFFFF
Reserved
5.25M
002C0000 - 007FFFFF
Local L2 SRAM
608K
00800000 - 00897FFF
Reserved
5M + 416K
00898000 - 00DFFFFF
Local L1P SRAM
32K
00E00000 - 00E07FFF
Reserved
992K
00E08000 - 00EFFFFF
Local L1D SRAM
32K
00F00000 - 00F07FFF
Reserved
992K
00F08000 - 00FFFFFF
C64x+ MEGAMODULE REGISTERS
Reserved
8M
01000000 - 017FFFFF
C64x+ Megamodule Registers
4M
01800000 - 01BFFFFF
CONTROL REGISTERS ON CONFIG SCR
Reserved
9M
01C00000 - 024FFFFF
TSIP0
256K
02500000 - 0253FFFF
TSIP1
256K
02540000 - 0257FFFF
TSIP2
256K
02580000 - 025BFFFF
Reserved
128K
025C0000 - 025DFFFF
Timer0
64K
025E0000 - 025EFFFF
Timer1
64K
025F0000 - 025FFFFF
Timer2
64K
02600000 - 0260FFFF
Timer3
64K
02610000 - 0261FFFF
Timer4
64K
02620000 - 0262FFFF
Timer5
64K
02630000 - 0263FFFF
Timer6
64K
02640000 - 0264FFFF
Timer7
64K
02650000 - 0265FFFF
Timer8
64K
02660000 - 0266FFFF
Timer9
64K
02670000 - 0267FFFF
Timer10
64K
02680000 - 0268FFFF
Timer11
64K
02690000 - 0269FFFF
Reserved
1.875M
026A0000 - 0287FFFF
HPI Control
128K
02880000 - 0289FFFF
Reserved
1M
028A0000 - 0299FFFF
PLL Controller 1
1K
029A0000 - 029A03FF
Reserved
127K
029A0400 - 029BFFFF
PLL Controller 2
1K
029C0000 - 029C03FF
10
Device Overview
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :SM320C6472-HiRel


Podobny numer części - SM320C6472-HIREL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SM320C6413GTS400 TI-SM320C6413GTS400 Datasheet
1Mb / 140P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6413GTS500 TI-SM320C6413GTS500 Datasheet
1Mb / 140P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6413GTSA400 TI-SM320C6413GTSA400 Datasheet
1Mb / 140P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6413GTSA500 TI-SM320C6413GTSA500 Datasheet
1Mb / 140P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6413ZTS400 TI-SM320C6413ZTS400 Datasheet
1Mb / 140P
[Old version datasheet]   Fixed-Point Digital Signal Processors
More results

Podobny opis - SM320C6472-HIREL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com