Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM320C6712D-EP Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części SM320C6712D-EP
Szczegółowy opis  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C6712D-EP Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button SM320C6712D-EP Datasheet HTML 7Page - Texas Instruments SM320C6712D-EP Datasheet HTML 8Page - Texas Instruments SM320C6712D-EP Datasheet HTML 9Page - Texas Instruments SM320C6712D-EP Datasheet HTML 10Page - Texas Instruments SM320C6712D-EP Datasheet HTML 11Page - Texas Instruments SM320C6712D-EP Datasheet HTML 12Page - Texas Instruments SM320C6712D-EP Datasheet HTML 13Page - Texas Instruments SM320C6712D-EP Datasheet HTML 14Page - Texas Instruments SM320C6712D-EP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 109 page
background image
SM320C6712EP, SM320C6712CEP, SM320C6712DEP
FLOATINGPOINT DIGITAL SIGNAL PROCESSORS
SGUS055 − SEPTEMBER 2004
11
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
peripheral register descriptions
Table 3 through Table 13 identify the peripheral registers for the C6712/C6712C/C6712D devices by their
register names, acronyms, and hex address or hex address range. For more detailed information on the register
contents, bit names, and their descriptions, see the specific peripheral reference guide listed in the
TMS320C6000 DSP Peripherals Overview Reference Guide (literature number SPRU190).
Table 3. EMIF Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0180 0000
GBLCTL
EMIF global control
0180 0004
CECTL1
EMIF CE1 space control
0180 0008
CECTL0
EMIF CE0 space control
0180 000C
Reserved
0180 0010
CECTL2
EMIF CE2 space control
0180 0014
CECTL3
EMIF CE3 space control
0180 0018
SDCTL
EMIF SDRAM control
0180 001C
SDTIM
EMIF SDRAM refresh control
0180 0020
SDEXT
EMIF SDRAM extension
0180 0024 − 0183 FFFF
Reserved
Table 4. L2 Cache Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0184 0000
CCFG
Cache configuration register
0184 4000
L2WBAR
L2 writeback base address register
0184 4004
L2WWC
L2 writeback word count register
0184 4010
L2WIBAR
L2 writeback-invalidate base address register
0184 4014
L2WIWC
L2 writeback-invalidate word count register
0184 4020
L1PIBAR
L1P invalidate base address register
0184 4024
L1PIWC
L1P invalidate word count register
0184 4030
L1DWIBAR
L1D writeback-invalidate base address register
0184 4034
L1DWIWC
L1D writeback-invalidate word count register
0184 5000
L2WB
L2 writeback all register
0184 5004
L2WBINV
L2 writeback-invalidate all register
0184 8200
MAR0
Controls CE0 range 8000 0000 − 80FF FFFF
0184 8204
MAR1
Controls CE0 range 8100 0000 − 81FF FFFF
0184 8208
MAR2
Controls CE0 range 8200 0000 − 82FF FFFF
0184 820C
MAR3
Controls CE0 range 8300 0000 − 83FF FFFF
0184 8240
MAR4
Controls CE1 range 9000 0000 − 90FF FFFF
0184 8244
MAR5
Controls CE1 range 9100 0000 − 91FF FFFF
0184 8248
MAR6
Controls CE1 range 9200 0000 − 92FF FFFF
0184 824C
MAR7
Controls CE1 range 9300 0000 − 93FF FFFF
0184 8280
MAR8
Controls CE2 range A000 0000 − A0FF FFFF
0184 8284
MAR9
Controls CE2 range A100 0000 − A1FF FFFF
0184 8288
MAR10
Controls CE2 range A200 0000 − A2FF FFFF
0184 828C
MAR11
Controls CE2 range A300 0000 − A3FF FFFF
0184 82C0
MAR12
Controls CE3 range B000 0000 − B0FF FFFF
0184 82C4
MAR13
Controls CE3 range B100 0000 − B1FF FFFF
0184 82C8
MAR14
Controls CE3 range B200 0000 − B2FF FFFF
0184 82CC
MAR15
Controls CE3 range B300 0000 − B3FF FFFF
0184 82D0 − 0187 FFFF
Reserved


Podobny numer części - SM320C6712D-EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SM320C6711-EP TI1-SM320C6711-EP Datasheet
1Mb / 128P
[Old version datasheet]   FLOATING-POINT DIGTAL SIGNAL PROCESSORS
SM320C6711B-EP TI1-SM320C6711B-EP Datasheet
1Mb / 128P
[Old version datasheet]   FLOATING-POINT DIGTAL SIGNAL PROCESSORS
SM320C6711C-EP TI1-SM320C6711C-EP Datasheet
1Mb / 128P
[Old version datasheet]   FLOATING-POINT DIGTAL SIGNAL PROCESSORS
SM320C6711D-EP TI1-SM320C6711D-EP Datasheet
1Mb / 128P
[Old version datasheet]   FLOATING-POINT DIGTAL SIGNAL PROCESSORS
SM320C6713-EP TI-SM320C6713-EP Datasheet
1Mb / 123P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com