Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM320C6202-EP Arkusz danych(PDF) 3 Page - Texas Instruments

Numer części SM320C6202-EP
Szczegółowy opis  FIXED-POINT DIGITAL SIGNAL PROCESSOR
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C6202-EP Arkusz danych(HTML) 3 Page - Texas Instruments

  SM320C6202-EP Datasheet HTML 1Page - Texas Instruments SM320C6202-EP Datasheet HTML 2Page - Texas Instruments SM320C6202-EP Datasheet HTML 3Page - Texas Instruments SM320C6202-EP Datasheet HTML 4Page - Texas Instruments SM320C6202-EP Datasheet HTML 5Page - Texas Instruments SM320C6202-EP Datasheet HTML 6Page - Texas Instruments SM320C6202-EP Datasheet HTML 7Page - Texas Instruments SM320C6202-EP Datasheet HTML 8Page - Texas Instruments SM320C6202-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 83 page
background image
SM320C6202EP
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SGUS044−JULY 2003
3
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
description
The SM320C6202 device is part of the TMS320C62x
 fixed-point DSP generation in the TMS320C6000 DSP
platform. The C62x
 DSP devices are based on the high-performance, advanced VelociTI
very-long-instruction-word (VLIW) architecture developed by Texas Instruments (TI), making these DSPs an
excellent choice for multichannel and multifunction applications.
The SM320C62x
 DSP offers cost-effective solutions to high-performance DSP-programming challenges. The
SM320C6202 has a performance capability of up to 1600 million instructions per second (MIPS) at 200 MHz.
The C6202 DSP possesses the operational flexibility of high-speed controllers and the numerical capability of
array processors. These processors have 32 general-purpose registers of 32-bit word length and eight highly
independent functional units. The eight functional units provide six arithmetic logic units (ALUs) for a high
degree of parallelism and two 16-bit multipliers for a 32-bit result. The C6202 can produce two
multiply-accumulates (MACs) per cycle. This gives a total of 600 million MACs per second (MMACS) for the
C6202 device. The C6202 DSP also has application-specific hardware logic, on-chip memory, and additional
on-chip peripherals.
The C6202 device program memory consists of two blocks, with a 128K-byte block configured as
memory-mapped program space, and the other 128K-byte block user-configurable as cache or
memory-mapped program space. Data memory for the C6202 consists of two 64K-byte blocks of RAM.
The C6202 device has a powerful and diverse set of peripherals. The peripheral set includes three multichannel
buffered serial ports (McBSPs), two general-purpose timers, a 32-bit expansion bus (XBus) that offers ease of
interface to synchronous or asynchronous industry-standard host bus protocols, and a glueless 32-bit external
memory interface (EMIF) capable of interfacing to SDRAM or SBSRAM and asynchronous peripherals.
The C62x
 devices have a complete set of development tools which includes: a new C compiler, an assembly
optimizer to simplify programming and scheduling, and a Windows
 debugger interface for visibility into source
code execution.
device characteristics
Table 1 provides an overview of the 320C6202, 320C6203B, and the 320C6204 pin-compatible DSPs. The
table shows significant features of each device, including the capacity of on-chip RAM, the peripherals, the
execution time, and the package type with pin count, etc. This data sheet primarily focuses on the functionality
of the SM320C6202 device. For the functionality information on the 320C6203B device, see the
TMS320C6203B Fixed-Point Digital Signal Processor data sheet (literature number SPRS086). For the
functionality information on the 320C6204 device, see the TMS320C6204 Fixed-Point Digital Signal Processor
data sheet (literature number SPRS152). And for more details on the C6000
 DSP device part numbers and
part numbering, see Table 14 and Figure 4.
TMS320C6000 is a trademark of Texas Instruments.
C6000 is a trademark of Texas Instruments.
Windows is a registered trademark of the Microsoft Corporation.


Podobny numer części - SM320C6202-EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SM320C6202BGDP167 TI-SM320C6202BGDP167 Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6202BGFN167 TI-SM320C6202BGFN167 Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6202BGGP167 TI-SM320C6202BGGP167 Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6202BGHK167 TI-SM320C6202BGHK167 Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6202BGJC167 TI-SM320C6202BGJC167 Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results

Podobny opis - SM320C6202-EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com