Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM320C6202-EP Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części SM320C6202-EP
Szczegółowy opis  FIXED-POINT DIGITAL SIGNAL PROCESSOR
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C6202-EP Arkusz danych(HTML) 4 Page - Texas Instruments

  SM320C6202-EP Datasheet HTML 1Page - Texas Instruments SM320C6202-EP Datasheet HTML 2Page - Texas Instruments SM320C6202-EP Datasheet HTML 3Page - Texas Instruments SM320C6202-EP Datasheet HTML 4Page - Texas Instruments SM320C6202-EP Datasheet HTML 5Page - Texas Instruments SM320C6202-EP Datasheet HTML 6Page - Texas Instruments SM320C6202-EP Datasheet HTML 7Page - Texas Instruments SM320C6202-EP Datasheet HTML 8Page - Texas Instruments SM320C6202-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 83 page
background image
SM320C6202EP
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SGUS044−JULY 2003
4
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
device characteristics (continued)
Table 1. Characteristics of the Pin-Compatible DSPs
HARDWARE FEATURES
C6202
C6203B
C6204
EMIF
Peripherals
DMA
4-Channel
4-Channel With
Throughput
Enhancements
4-Channel With
Throughput
Enhancements
Peripherals
Expansion Bus
McBSPs
3
3
2
32-Bit Timers
2
2
2
Size (Bytes)
256K
384K
64K
Internal Program
Memory
Organization
Block 0:
128K-Byte
Mapped Program
Block 1:
128K-Byte
Cache/Mapped
Program
Block 0:
256K-Byte Mapped
Program
Block 1:
128K-Byte
Cache/Mapped
Program
1 Block:
64K-Byte
Cache/Mapped
Program
Size (Bytes)
128K
512K
64K
Internal Data Memory
Organization
2 Blocks:
Four 16-Bit Banks
per Block
50/50 Split
2 Blocks:
Four 16-Bit Banks
per Block
50/50 Split
2 Blocks:
Four 16-Bit Banks
per Block
50/50 Split
CPU ID + CPU Rev ID
Control Status Register (CSR.[31:16])
0x0002
0x0003
0x0003
Frequency
MHz
200, 250
250, 300
200
Cycle Time
ns
4 ns (6202-250)
5 ns (6202-200)
3.33 ns (6203B-300)
4 ns (6203B-250)
4 ns (03BGNZA-250)
5 ns (6204-200)
Core (V)
1.8
1.5
1.5
Voltage
Core (V)
1.8
1.7
1.5
Voltage
I/O (V)
3.3
3.3
3.3
PLL Options
CLKIN frequency multiplier [Bypass (x1),
x4, x6, x7, x8, x9, x10, and x11]
x1, x4
(Both Pkgs)
All PLL Options
(GLS/GNY Pkgs)
x1, x4, x8, x10
(GNZ Pkg)
x1, x4
(Both Pkgs)
27 x 27 mm
352-pin GJL
352-pin GNZ
18 x 18 mm
384-pin GLS
340-pin GLW
BGA Packages
18 x 18 mm
384-pin GNY
(2.x, 3.x only)
16 x 16 mm
288-pin GHK
Process Technology
µm
0.18
µm
0.15
µm
0.15
µm
Product
Status†
Product Preview (PP)
Advance Information (AI)
Production Data (PD)
PD
PD
PD
† PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include testing of all parameters.


Podobny numer części - SM320C6202-EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SM320C6202BGDP167 TI-SM320C6202BGDP167 Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6202BGFN167 TI-SM320C6202BGFN167 Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6202BGGP167 TI-SM320C6202BGGP167 Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6202BGHK167 TI-SM320C6202BGHK167 Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6202BGJC167 TI-SM320C6202BGJC167 Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results

Podobny opis - SM320C6202-EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com