Zakładka z wyszukiwarką danych komponentów |
|
SN74ALS534AN3 Arkusz danych(PDF) 5 Page - Texas Instruments |
|
SN74ALS534AN3 Arkusz danych(HTML) 5 Page - Texas Instruments |
5 / 17 page SN54ALS534A, SN74ALS534A, SN74AS534 OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS SDAS168B – APRIL 1982 – REVISED JULY 1996 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS SN74AS534 UNIT PARAMETER TEST CONDITIONS MIN TYP† MAX UNIT VIK VCC = 4.5 V, II = – 18 mA – 1.2 V VOH VCC = 4.5 V to 5.5 V, IOH = – 2 mA VCC –2 V VOH VCC = 4.5 V, IOH = – 15 mA 2.4 3.3 V VOL VCC = 4.5 V, IOL = 48 mA 0.34 0.5 V IOZH VCC = 5.5 V, VO = 2.7 V 50 µA IOZL VCC = 5.5 V, VI = 0.4 V –50 µA II VCC = 5.5 V, VI = 7 V 0.1 mA IIH VCC = 5.5 V, VI = 2.7 V 20 µA IIL OE, CLK VCC =5 5V VI =0 4V – 0.5 mA IIL D VCC = 5.5 V, VI = 0.4 V –2 mA IO‡ VCC = 5.5 V, VO = 2.25 V –30 –112 mA Outputs high 77 120 ICC VCC = 5.5 V Outputs low 84 128 mA Outputs disabled 84 128 † All typical values are at VCC = 5 V, TA = 25°C. ‡ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS. switching characteristics (see Figure 1) PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 4.5 V to 5.5 V, CL = 50 pF, R1 = 500 Ω, R2 = 500 Ω, TA = MIN to MAX§ UNIT SN74AS534 MIN MAX fmax 125 MHz tPLH CLK An Q 3 8 ns tPHL CLK Any Q 4 9 ns tPZH OE An Q 2 6 ns tPZL OE Any Q 3 10 ns tPHZ OE Any Q 2 6 ns tPLZ OE Any Q 2 6 ns § For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions. |
Podobny numer części - SN74ALS534AN3 |
|
Podobny opis - SN74ALS534AN3 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |