Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM65MLVD047ADR Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części SM65MLVD047ADR
Szczegółowy opis  MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SM65MLVD047ADR Arkusz danych(HTML) 4 Page - Texas Instruments

  SM65MLVD047ADR Datasheet HTML 1Page - Texas Instruments SM65MLVD047ADR Datasheet HTML 2Page - Texas Instruments SM65MLVD047ADR Datasheet HTML 3Page - Texas Instruments SM65MLVD047ADR Datasheet HTML 4Page - Texas Instruments SM65MLVD047ADR Datasheet HTML 5Page - Texas Instruments SM65MLVD047ADR Datasheet HTML 6Page - Texas Instruments SM65MLVD047ADR Datasheet HTML 7Page - Texas Instruments SM65MLVD047ADR Datasheet HTML 8Page - Texas Instruments SM65MLVD047ADR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
SN65MLVD047A
SLLS736A − JULY 2006 − REVISED MAY 2008
www.ti.com
4
ELECTRICAL CHARACTERISTICS
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX
UNIT
LVTTL (EN, EN, 1A:4A)
|IIH|
High-level input current
VIH = 2 V or VCC
0
10
µA
|IIL|
Low-level input current
VIL = GND or 0.8 V
0
10
µA
Ci
Input capacitance
VI = 0.4 sin(30E6πt) + 0.5 V(3)
5
pF
M−LVDS (1Y/1Z:4Y/4Z)
⎪VYZ
Differential output voltage magnitude
480
650
mV
∆⎪VYZ
Change in differential output voltage magnitude
between logic states
See Figure 2
−50
50
mV
VOS(SS)
Steady-state common-mode output voltage
0.8
1.2
V
VOS(SS)
Change in steady-state common-mode output
voltage between logic states
See Figure 3
−50
50
mV
VOS(PP)
Peak-to-peak common-mode output voltage
150
mV
VY(OC)
Maximum steady-state open-circuit output
voltage
See Figure 7
0
2.4
V
VZ(OC)
Maximum steady-state open-circuit output
voltage
See Figure 7
0
2.4
V
VP(H)
Voltage overshoot, low-to-high level output
See Figure 5
1.2 VSS
V
VP(L)
Voltage overshoot, high-to-low level output
See Figure 5
−0.2 VSS
V
⎪IOS
Differential short-circuit output current magnitude
See Figure 4
24
mA
IOZ
High-impedance state output current
−1.4 V
≤ (VY or VZ) ≤3.8 V,
Other output = 1.2 V
−15
10
µA
IO(OFF)
Power-off output current
−1.4 V
≤ (VY or VZ) ≤3.8 V,
Other output = 1.2 V,
VCC = 1.5 V
−10
10
µA
CY or CZ
Output capacitance
VY or VZ = 0.4 sin(30E6πt) +
0.5 V, (3)
Other outputs at 1.2 V, driver
disabled
3
pF
CYZ
Differential output capacitance
VYZ = 0.4 sin(30E6πt) V, (3)
Driver disabled
2.5
pF
CY/Z
Output capacitance balance, (CY/CZ)
0.99
1.01
(1) The algebraic convention, in which the least positive (most negative) limit is designated as minimum is used in this data sheet.
(2) All typical values are at 25°C and with a 3.3-V supply voltage.
(3) HP4194A impedance analyzer (or equivalent)


Podobny numer części - SM65MLVD047ADR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SM65MLVD080DGGR TI-SM65MLVD080DGGR Datasheet
239Kb / 24P
[Old version datasheet]   8 CHANNEL HALF DUPLEX M LVDS LINE TRANSCEIVERS
SM65MLVD080DGGR TI-SM65MLVD080DGGR Datasheet
526Kb / 28P
[Old version datasheet]   8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
SM65MLVD082DGGR TI-SM65MLVD082DGGR Datasheet
239Kb / 24P
[Old version datasheet]   8 CHANNEL HALF DUPLEX M LVDS LINE TRANSCEIVERS
SM65MLVD082DGGR TI-SM65MLVD082DGGR Datasheet
526Kb / 28P
[Old version datasheet]   8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
More results

Podobny opis - SM65MLVD047ADR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN65MLVD047 TI-SN65MLVD047 Datasheet
239Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65MLVD047 TI-SN65MLVD047_06 Datasheet
308Kb / 17P
[Old version datasheet]   MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047 Datasheet
230Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_06 Datasheet
223Kb / 12P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_07 Datasheet
373Kb / 14P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
SN65LVDS047 TI-SN65LVDS047_10 Datasheet
465Kb / 16P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE DRIVER
logo
National Semiconductor ...
DS90C031B NSC-DS90C031B Datasheet
253Kb / 12P
   LVDS Quad CMOS Differential Line Driver
DS90C031B NSC-DS90C031B_01 Datasheet
249Kb / 11P
   LVDS Quad CMOS Differential Line Driver
DS90C031 NSC-DS90C031 Datasheet
269Kb / 14P
   LVDS Quad CMOS Differential Line Driver
logo
Texas Instruments
DS90C031QML TI1-DS90C031QML_16 Datasheet
660Kb / 21P
[Old version datasheet]   LVDS Quad CMOS Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com