Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA2080D1YZGR Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA2080D1YZGR
Szczegółowy opis  2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPA2080D1YZGR Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button TPA2080D1YZGR Datasheet HTML 2Page - Texas Instruments TPA2080D1YZGR Datasheet HTML 3Page - Texas Instruments TPA2080D1YZGR Datasheet HTML 4Page - Texas Instruments TPA2080D1YZGR Datasheet HTML 5Page - Texas Instruments TPA2080D1YZGR Datasheet HTML 6Page - Texas Instruments TPA2080D1YZGR Datasheet HTML 7Page - Texas Instruments TPA2080D1YZGR Datasheet HTML 8Page - Texas Instruments TPA2080D1YZGR Datasheet HTML 9Page - Texas Instruments TPA2080D1YZGR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
1 F
1 F
30-kHz
Low-Pass
Filter
Supply
2.2 H
22 F
IN+
IN–
SW
VBAT
GND
OUT+
OUT–
PVDD
10 F
Load
Measurement
Input
Measurement
Output
+
+
TPA2080D1
+
EN
10 k
TPA2080D1
SLOS733
– JANUARY 2012
www.ti.com
TEST SET-UP FOR GRAPHS
(1)
The 1
µF input capacitors on IN+ and IN- were shorted for input common-mode voltage measurements.
(2)
A 33
µH inductor was placed in series with the load resistor to emulate a small speaker for efficiency measurements.
(3)
The 30 kHz low-pass filter is required even if the analyzer has an internal low-pass filter. An R-C low-pass filter
(100
Ω, 47 nF) is used on each output for the data sheet graphs.
6
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated
Product Folder Link(s): TPA2080D1


Podobny numer części - TPA2080D1YZGR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2080D1YZGR TI1-TPA2080D1YZGR Datasheet
1Mb / 29P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
More results

Podobny opis - TPA2080D1YZGR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2080D1 TI-TPA2080D1_15 Datasheet
1Mb / 21P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2080D1 TI1-TPA2080D1_14 Datasheet
1Mb / 22P
[Old version datasheet]   2.2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2025D1 TI1-TPA2025D1 Datasheet
1Mb / 23P
[Old version datasheet]   2 W Constant Output Power Class-D Audio Amplifier with Class-G Boost Converter
TPA2013D1 TI-TPA2013D1 Datasheet
874Kb / 28P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2013D1 TI-TPA2013D1_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2014D1 TI-TPA2014D1 Datasheet
658Kb / 22P
[Old version datasheet]   1.5-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2014D1_0806 TI-TPA2014D1_0806 Datasheet
1Mb / 27P
[Old version datasheet]   1.5-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2013D1 TI-TPA2013D1_1 Datasheet
1,021Kb / 30P
[Old version datasheet]   2.7-W CONSTANT OUTPUT POWER CLASS-D AUDIO AMPLIFIER WITH INTEGRATED BOOST CONVERTER
TPA2025D1 TI-TPA2025D1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPA2025D1 2-W Constant Output Power Class-D Audio Amplifier With Class-G Boost Converter and Battery Tracking AGC
TPA2013D1 TI1-TPA2013D1_16 Datasheet
1Mb / 40P
[Old version datasheet]   Constant Output Power Class-D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com