Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74BCT760-EP Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74BCT760-EP
Szczegółowy opis  OCTAL BUFFER/DRIVER WITH OPEN-COLLECTOR OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74BCT760-EP Arkusz danych(HTML) 5 Page - Texas Instruments

  SN74BCT760-EP Datasheet HTML 1Page - Texas Instruments SN74BCT760-EP Datasheet HTML 2Page - Texas Instruments SN74BCT760-EP Datasheet HTML 3Page - Texas Instruments SN74BCT760-EP Datasheet HTML 4Page - Texas Instruments SN74BCT760-EP Datasheet HTML 5Page - Texas Instruments SN74BCT760-EP Datasheet HTML 6Page - Texas Instruments SN74BCT760-EP Datasheet HTML 7Page - Texas Instruments SN74BCT760-EP Datasheet HTML 8Page - Texas Instruments SN74BCT760-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
tPHL
tPLH
tPLH
tPHL
Input
Out-of-Phase
Output
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
3 V
0 V
VOL
VOH
VOH
VOL
In-Phase
Output
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VCC
RL
Test
Point
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
FOR OPEN-COLLECTOR OUTPUTS
SN74BCT760-EP
OCTAL BUFFER/DRIVER
WITH OPEN-COLLECTOR OUTPUTS
SCBS817B – JULY 2006 – REVISED SEPTEMBER 2006
A.
CL includes probe and jig capacitance.
B.
All input pulses have the following characteristics: PRR
≤ 1 MHz, t
r = tf = 2 ns, duty cycle = 50%.
C.
The outputs are measured one at a time with one transition per measurement.
Figure 1. Load Circuits and Voltage Waveforms
5
Submit Documentation Feedback


Podobny numer części - SN74BCT760-EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74BCT760 TI-SN74BCT760 Datasheet
462Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH OPEN-COLLECTOR OUTPUTS
SN74BCT760 TI-SN74BCT760 Datasheet
523Kb / 15P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH OPEN-COLLECTOR OUTPUTS
SN74BCT760 TI-SN74BCT760 Datasheet
731Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH OPEN-COLLECTOR OUTPUTS
SN74BCT760DW TI-SN74BCT760DW Datasheet
462Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH OPEN-COLLECTOR OUTPUTS
SN74BCT760DW TI-SN74BCT760DW Datasheet
523Kb / 15P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH OPEN-COLLECTOR OUTPUTS
More results

Podobny opis - SN74BCT760-EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74BCT757 TI-SN74BCT757 Datasheet
68Kb / 5P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH OPEN-COLLECTOR OUTPUTS
SN74BCT757 TI1-SN74BCT757_16 Datasheet
492Kb / 11P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH OPEN-COLLECTOR OUTPUTS
SN74BCT756 TI-SN74BCT756 Datasheet
80Kb / 5P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH OPEN-COLLECTOR OUTPUTS
SN64BCT757 TI1-SN64BCT757_16 Datasheet
944Kb / 11P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH OPEN-COLLECTOR OUTPUTS
SN64BCT757 TI-SN64BCT757 Datasheet
71Kb / 5P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH OPEN-COLLECTOR OUTPUTS
logo
NXP Semiconductors
74F756 PHILIPS-74F756 Datasheet
88Kb / 12P
   Octal inverter buffer open-collector
1989 Nov 27
logo
Texas Instruments
SN54BCT760 TI-SN54BCT760_07 Datasheet
523Kb / 15P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH OPEN-COLLECTOR OUTPUTS
SN74ALS641A TI-SN74ALS641A_07 Datasheet
496Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH OPEN-COLLECTOR OUTPUTS
SN74ALS641A TI-SN74ALS641A Datasheet
115Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH OPEN-COLLECTOR OUTPUTS
SN54BCT760 TI-SN54BCT760 Datasheet
462Kb / 13P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH OPEN-COLLECTOR OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com