Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74GTL2003PW Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74GTL2003PW
Szczegółowy opis  8-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74GTL2003PW Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button SN74GTL2003PW Datasheet HTML 7Page - Texas Instruments SN74GTL2003PW Datasheet HTML 8Page - Texas Instruments SN74GTL2003PW Datasheet HTML 9Page - Texas Instruments SN74GTL2003PW Datasheet HTML 10Page - Texas Instruments SN74GTL2003PW Datasheet HTML 11Page - Texas Instruments SN74GTL2003PW Datasheet HTML 12Page - Texas Instruments SN74GTL2003PW Datasheet HTML 13Page - Texas Instruments SN74GTL2003PW Datasheet HTML 14Page - Texas Instruments SN74GTL2003PW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
S
REF
D
REF
G
REF
SW
SW
GTL2003
D1
S1
D2
S2
Sn
GND
Dn
R
R
R
PU
PU
PU
V
= 1.8V
REF
R
200K
PU
CPU I/O
Chipset
I/O
V
= 5 V
DPU
SN74GTL2003
www.ti.com
SCDS305
– FEBRUARY 2011
Unidirectional Up Translation
For unidirectional up translation (lower voltage to higher voltage), the reference transistor is connected the same
as for a down translation. A pullup resistor is required on the higher voltage side (Dn or Sn) to get the full HIGH
level, since the GTL device only passes the reference source (SREF) voltage as a HIGH when doing an up
translation. The driver on the lower voltage side only needs pullup resistors if it is open drain.
Figure 7. Unidirectional Up Translation to Higher-Voltage Chipsets
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): SN74GTL2003


Podobny numer części - SN74GTL2003PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74GTL2003PW TI1-SN74GTL2003PW Datasheet
995Kb / 25P
[Old version datasheet]   8-Bit Bidirectional Low-Voltage Translator
SN74GTL2003PWR TI1-SN74GTL2003PWR Datasheet
995Kb / 25P
[Old version datasheet]   8-Bit Bidirectional Low-Voltage Translator
More results

Podobny opis - SN74GTL2003PW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74GTL2003 TI1-SN74GTL2003_15 Datasheet
995Kb / 25P
[Old version datasheet]   8-Bit Bidirectional Low-Voltage Translator
logo
NXP Semiconductors
GTL2003 NXP-GTL2003 Datasheet
121Kb / 19P
   8-bit bidirectional low voltage translator
Rev. 01-27 July 2007
GTL2003 PHILIPS-GTL2003 Datasheet
113Kb / 19P
   8-bit bidirectional low voltage translator
Rev. 01-27 July 2007
logo
Texas Instruments
GTL2010 TI-GTL2010 Datasheet
149Kb / 15P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
GTL2010 TI-GTL2010_07 Datasheet
299Kb / 17P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
logo
NXP Semiconductors
GTL2002 NXP-GTL2002 Datasheet
138Kb / 22P
   2-bit bidirectional low voltage translator
logo
Texas Instruments
SN74GTL2010 TI1-SN74GTL2010 Datasheet
535Kb / 18P
[Old version datasheet]   10-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
logo
NXP Semiconductors
GTL2010 NXP-GTL2010 Datasheet
125Kb / 20P
   10-bit bidirectional low voltage translator
Rev. 06-3 March 2008
logo
Pericom Semiconductor C...
PI4GTL2002 PERICOM-PI4GTL2002 Datasheet
537Kb / 12P
   2-bit bidirectional low voltage translator
logo
Texas Instruments
TXS0102 TI1-TXS0102_16 Datasheet
1Mb / 33P
[Old version datasheet]   2-Bit Bidirectional Voltage-Level Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com