Zakładka z wyszukiwarką danych komponentów |
|
ADC0808S250HW-C1 Arkusz danych(PDF) 6 Page - Integrated Device Technology |
|
ADC0808S250HW-C1 Arkusz danych(HTML) 6 Page - Integrated Device Technology |
6 / 22 page ADC0808S125_ADC0808S250_4 © IDT 2012. All rights reserved. Product data sheet Rev. 04 — 2 July 2012 6 of 22 Integrated Device Technology ADC0808S125/250 Single 8-bit ADC, up to 125 MHz or 250 MHz Table 4. Clock input format selection Pin CLKSEL Clock input signal Pins CLK+ and CLK HIGH or not connected LVDS LOW 1.8 V CMOS 7.2 Digital output coding The digital outputs are 1.8 V CMOS compatible. The data output format can be either binary or 2’s complement. Table 5. Output coding with differential inputs Vi(p-p) = 2.0 V; Vref(fs) = 1.25 V; typical values to AGND. Code Inputs (V) Output Outputs D7 to D0 Vi(IN) Vi(INN) Pin IR Binary 2’s complement Underflow < 0.45 > 1.45 LOW 0000 0000 1000 0000 0 0.45 1.45 HIGH 0000 0000 1000 0000 1 - - HIGH 0000 0001 1000 0001 : : : : : : 127 0.95 0.95 HIGH 0111 1111 1111 1111 : : : : : : 254 - - HIGH 1111 1110 0111 1110 255 1.45 0.45 HIGH 1111 1111 0111 1111 Overflow > 1.45 < 0.45 LOW 1111 1111 0111 1111 The in-range CMOS output pin IR will be HIGH during normal operation. When the ADC input reaches either positive or negative full-scale, the IR output will be LOW. Selection between output coding is controlled by pins OTC and CE_N. Table 6. Output format selection 2’s complement outputs Chip enable Output data Pin OTC Pin CE_N Pins D0 to D7, CCS and IR LOW LOW active; binary HIGH LOW active; 2’s complement X [1] HIGH high-impedance [1] X = don’t care. |
Podobny numer części - ADC0808S250HW-C1 |
|
Podobny opis - ADC0808S250HW-C1 |