Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC1003S040 Arkusz danych(PDF) 1 Page - Integrated Device Technology

Numer części ADC1003S040
Szczegółowy opis  Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz, with voltage regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1003S040 Arkusz danych(HTML) 1 Page - Integrated Device Technology

  ADC1003S040 Datasheet HTML 1Page - Integrated Device Technology ADC1003S040 Datasheet HTML 2Page - Integrated Device Technology ADC1003S040 Datasheet HTML 3Page - Integrated Device Technology ADC1003S040 Datasheet HTML 4Page - Integrated Device Technology ADC1003S040 Datasheet HTML 5Page - Integrated Device Technology ADC1003S040 Datasheet HTML 6Page - Integrated Device Technology ADC1003S040 Datasheet HTML 7Page - Integrated Device Technology ADC1003S040 Datasheet HTML 8Page - Integrated Device Technology ADC1003S040 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
®
ADC1003S030/040/050
Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz, with
voltage regulator
Rev. 03 — 2 July 2012
Product data sheet
1. General description
The ADC1003S030/040/050 are a family of 10-bit high-speed low-power Analog-to-Digital
Converters (ADC) for professional video and other applications. They convert the analog
input signal into 10-bit binary-coded digital words at a maximum sampling rate of 50 MHz.
All digital inputs and outputs are Transistor-Transistor Logic (TTL) and CMOS compatible,
although a low-level sine wave clock input signal is allowed.
The device includes an internal voltage reference regulator. If the application requires that
the reference is driven via external sources the recommendation is to use one of the
ADC1004S030/040/050 family.
2. Features
10-bit resolution
Sampling rate up to 50 MHz
DC sampling allowed
One clock cycle conversion only
High signal-to-noise ratio over a large analog input frequency range
(9.3 effective bits at 4.43 MHz full-scale input at fclk = 40 MHz)
No missing codes guaranteed
In-Range (IR) CMOS output
Levels TTL and CMOS compatible digital inputs
3 V to 5 V CMOS digital outputs
Low-level AC clock input signal allowed
Internal reference voltage regulator
Power dissipation only 235 mW (typical)
Low analog input capacitance, no buffer amplifier required
No sample-and-hold circuit required
3. Applications
High-speed analog-to-digital conversion for:
Video data digitizing
Radar
Transient signal analysis
Global Positioning System (GPS) receiver
 modulators


Podobny numer części - ADC1003S040

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
ADC1003S040 NXP-ADC1003S040 Datasheet
143Kb / 20P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz, with voltage regulator
Rev. 02-7 August 2008
ADC1003S040TS NXP-ADC1003S040TS Datasheet
143Kb / 20P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz, with voltage regulator
Rev. 02-7 August 2008
logo
Renesas Technology Corp
ADC1003S040TS RENESAS-ADC1003S040TS Datasheet
485Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz, with voltage regulator
2 July 2012
More results

Podobny opis - ADC1003S040

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
ADC1003S030 NXP-ADC1003S030 Datasheet
143Kb / 20P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz, with voltage regulator
Rev. 02-7 August 2008
logo
Renesas Technology Corp
ADC1003S030 RENESAS-ADC1003S030 Datasheet
485Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz, with voltage regulator
2 July 2012
logo
NXP Semiconductors
ADC1004S030 NXP-ADC1004S030 Datasheet
140Kb / 19P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 03-7 August 2008
logo
Integrated Device Techn...
ADC1004S030 IDT-ADC1004S030 Datasheet
473Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
Renesas Technology Corp
ADC1004S030 RENESAS-ADC1004S030 Datasheet
477Kb / 18P
   Single 10 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
2 July 2012
logo
NXP Semiconductors
ADC0804S030 NXP-ADC0804S030 Datasheet
140Kb / 19P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 02-14 August 2008
logo
Renesas Technology Corp
ADC0804S030 RENESAS-ADC0804S030 Datasheet
487Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
July 2012
logo
Integrated Device Techn...
ADC0804S030 IDT-ADC0804S030 Datasheet
484Kb / 18P
   Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
logo
NXP Semiconductors
ADC1206S040 NXP-ADC1206S040 Datasheet
521Kb / 32P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
Rev. 02-12 August 2008
logo
Renesas Technology Corp
ADC1206S040 RENESAS-ADC1206S040 Datasheet
1Mb / 31P
   Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com