Zakładka z wyszukiwarką danych komponentów |
|
ADC1112D125 Arkusz danych(PDF) 2 Page - Integrated Device Technology |
|
ADC1112D125 Arkusz danych(HTML) 2 Page - Integrated Device Technology |
2 / 39 page ADC1112D125 3 © IDT 2012. All rights reserved. Product data sheet Rev. 03 — 2 July 2012 2 of 39 Integrated Device Technology ADC1112D125 Dual 11-bit ADC: CMOS or LVDS DDR digital outputs 4. Ordering information 5. Block diagram Table 1. Ordering information Type number fs (Msps) Package Name Description Version ADC1112D125HN-C1 125 HVQFN64 plastic thermal enhanced very thin quad flat package; no leads; 64 terminals; body 9 9 0.85 mm SOT804-3 Fig 1. Block diagram ADC1112D125 SPI INTERFACE OUTPUT DRIVERS OUTPUT DRIVERS SYSTEM REFERENCE AND POWER MANAGEMENT ERROR CORRECTION AND DIGITAL PROCESSING ADC A CORE 11-BIT PIPELINED T/H INPUT STAGE INAP CS SDIO/ODS SCLK/DFS OTRA OTRB CTRL REFAT REFAB REFBB REFBT CMOS: DA10 to DA0 or LVDS/DDR: DA9_DA10_P to LOW_DA0_P DA9_DA10_M to LOW_DA0_M CMOS: DB10 to DB0 or LVDS/DDR: DB9_DB10_P to LOW_DB0_P DB9_DB10_M to LOW_DB0_M INAM CLKP CLKM CLOCK INPUT STAGE AND DUTY CYCLE CONTROL VCMA VREF SENSE VCMB 005aaa161 OUTPUT DRIVERS ADC B CORE 11-BIT PIPELINED T/H INPUT STAGE INBP INBM ERROR CORRECTION AND DIGITAL PROCESSING CMOS: DAV or LVDS/DDR: DAVP DAVM |
Podobny numer części - ADC1112D125 |
|
Podobny opis - ADC1112D125 |