Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC1113S125 Arkusz danych(PDF) 1 Page - Integrated Device Technology

Numer części ADC1113S125
Szczegółowy opis  Single 11-bit ADC; serial JESD204A interface
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

ADC1113S125 Arkusz danych(HTML) 1 Page - Integrated Device Technology

  ADC1113S125 Datasheet HTML 1Page - Integrated Device Technology ADC1113S125 Datasheet HTML 2Page - Integrated Device Technology ADC1113S125 Datasheet HTML 3Page - Integrated Device Technology ADC1113S125 Datasheet HTML 4Page - Integrated Device Technology ADC1113S125 Datasheet HTML 5Page - Integrated Device Technology ADC1113S125 Datasheet HTML 6Page - Integrated Device Technology ADC1113S125 Datasheet HTML 7Page - Integrated Device Technology ADC1113S125 Datasheet HTML 8Page - Integrated Device Technology ADC1113S125 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
®
1. General description
The ADC1113S125 is a single channel 11-bit Analog-to-Digital Converter (ADC) optimized
for high dynamic performance and low power at a sample rate of 125 Msps. Pipelined
architecture and output error correction ensure the ADC1113S125 is accurate enough to
guarantee zero missing codes over the entire operating range. Supplied from a 3 V source
for analog and a 1.8 V source for the output driver, it outputs data in serial mode via a
single differential lane, which complies with the JESD204A standard. The integration of
Serial Peripheral Interface (SPI) allows the user to easily configure the ADCs and the
serial output modes. The device also includes a programmable full-scale SPI to allow a
flexible input voltage range from 1 V (p-p) to 2 V (p-p).
Excellent dynamic performance is maintained from the baseband to input frequencies of
170 MHz or more, making the ADC1113S125 ideal for use in communications, imaging,
and medical applications.
2. Features and benefits
3. Applications
ADC1113S125
Single 11-bit ADC; serial JESD204A interface
Rev. 02 — 2 July 2012
Product data sheet
SNR, 66.2 dBFS; SFDR, 87 dBc
Input bandwidth, 600 MHz
Sample rate: 125 Msps
Power dissipation, 550 mW at 80 Msps
Single channel, 11-bit pipelined ADC
core
SPI register programming
3 V, 1.8 V power supplies
Duty cycle stabilizer
Flexible input voltage range:
1V(p-p)to2V(p-p)
High Intermediate Frequency (IF)
capability
Serial output
Offset binary, two’s complement, gray
code
Compliant with JESD204A serial
transmission standard
Power-down mode and Sleep mode
Pin compatible with ADC1613S series,
ADC1413S series, and
ADC1213S series
HVQFN32 package
Wireless and wired broadband
communications
Portable instrumentation
Spectral analysis
Imaging systems
Ultrasound equipment


Podobny numer części - ADC1113S125

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
ADC1113S125 NXP-ADC1113S125 Datasheet
659Kb / 38P
   Single 11-bit ADC; serial JESD204A interface
Rev. 1-15 March 2011
logo
Renesas Technology Corp
ADC1113S125 RENESAS-ADC1113S125 Datasheet
701Kb / 36P
   Single 11-bit ADC; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1113S125C1 NXP-ADC1113S125C1 Datasheet
659Kb / 38P
   Single 11-bit ADC; serial JESD204A interface
Rev. 1-15 March 2011
ADC1113S125HN NXP-ADC1113S125HN Datasheet
659Kb / 38P
   Single 11-bit ADC; serial JESD204A interface
Rev. 1-15 March 2011
logo
Renesas Technology Corp
ADC1113S125HN-C1 RENESAS-ADC1113S125HN-C1 Datasheet
701Kb / 36P
   Single 11-bit ADC; serial JESD204A interface
2 July 2012
More results

Podobny opis - ADC1113S125

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
ADC1113S125 NXP-ADC1113S125 Datasheet
659Kb / 38P
   Single 11-bit ADC; serial JESD204A interface
Rev. 1-15 March 2011
logo
Renesas Technology Corp
ADC1113S125 RENESAS-ADC1113S125 Datasheet
701Kb / 36P
   Single 11-bit ADC; serial JESD204A interface
2 July 2012
logo
NXP Semiconductors
ADC1113D125 NXP-ADC1113D125_11 Datasheet
547Kb / 41P
   Dual 11-bit ADC; serial JESD204A interface
Rev. 3-10 February 2011
logo
Renesas Technology Corp
ADC1113D125 RENESAS-ADC1113D125 Datasheet
593Kb / 39P
   Dual 11-bit ADC; serial JESD204A interface
2 July 2012
logo
Integrated Device Techn...
ADC1113D125 IDT-ADC1113D125 Datasheet
589Kb / 39P
   Dual 11-bit ADC; serial JESD204A interface
logo
NXP Semiconductors
ADC1113D125 NXP-ADC1113D125 Datasheet
314Kb / 41P
   Dual 11-bit ADC; serial JESD204A interface
Rev. 02-23 April 2010
logo
Integrated Device Techn...
ADC1613S IDT-ADC1613S Datasheet
705Kb / 37P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1413S NXP-ADC1413S Datasheet
805Kb / 38P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 2-8 June 2011
logo
Renesas Technology Corp
ADC1413S RENESAS-ADC1413S Datasheet
773Kb / 36P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
logo
Integrated Device Techn...
ADC1413S IDT-ADC1413S Datasheet
769Kb / 36P
   Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36